Electronic Components Datasheet Search |
|
SST39VF088-70-4C-EK Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc |
|
SST39VF088-70-4C-EK Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc |
5 / 22 page Preliminary Specifications 8 Mbit Multi-Purpose Flash SST39VF088 5 ©2003 Silicon Storage Technology, Inc. S71227-04-000 11/03 FIGURE 1: PIN ASSIGNMENTS FOR 48-LEAD TSOP TABLE 2: PIN DESCRIPTION Symbol Pin Name Functions AMS1-A0 1. AMS = Most significant address AMS = A19 for SST39VF088 Address Inputs To provide memory addresses. During Sector-Erase AMS-A12 address lines will select the sector. During Block-Erase AMS-A16 address lines will select the block. DQ7-DQ0 Data Input/output To output data during Read cycles and receive input data during Write cycles. Data is internally latched during a Write cycle. The outputs are in tri-state when OE# or CE# is high. CE# Chip Enable To activate the device when CE# is low. OE# Output Enable To gate the data output buffers. WE# Write Enable To control the Write operations. VDD Power Supply To provide power supply voltage: 2.7-3.6V for SST39VF088 VSS Ground NC No Connection Unconnected pins. T2.0 1227 A16 A15 A14 A13 A12 A11 A10 A9 NC NC WE# NC NC NC NC A19 A18 A8 A7 A6 A5 A4 A3 A2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 A17 NC VSS A0 DQ7 NC DQ6 NC DQ5 NC DQ4 VDD NC DQ3 NC DQ2 NC DQ1 NC DQ0 OE# VSS CE# A1 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1227 48-tsop P01.0 Standard Pinout Top View Die Up |
Similar Part No. - SST39VF088-70-4C-EK |
|
Similar Description - SST39VF088-70-4C-EK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |