Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF010-20-4C-QAE Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST25VF010-20-4C-QAE
Description  1 Mbit SPI Serial Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF010-20-4C-QAE Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST25VF010-20-4C-QAE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF010-20-4C-QAE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF010-20-4C-QAE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF010-20-4C-QAE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF010-20-4C-QAE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF010-20-4C-QAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF010-20-4C-QAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF010-20-4C-QAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF010-20-4C-QAE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
©2003 Silicon Storage Technology, Inc.
S71233-01-000
8/03
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
Single 2.7-3.6V Read and Write Operations
Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
20 MHz Max Clock Frequency
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Read Current: 7 mA (typical)
– Standby Current: 8 µA (typical)
Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
Fast Erase and Byte-Program:
– Chip-Erase Time: 70 ms (typical)
– Sector- or Block-Erase Time: 18 ms (typical)
– Byte-Program Time: 14 µs (typical)
Auto Address Increment (AAI) Programming
– Decrease total chip programming time over
Byte-Program operations
End-of-Write Detection
– Software Status
Hold Pin (HOLD#)
– Suspends a serial sequence to the memory
without deselecting the device
Write Protection (WP#)
– Enables/Disables the Lock-Down function of the
status register
Software Write Protection
– Write protection through Block-Protection bits in
status register
Packages Available
– 8-lead SOIC (4.9mm x 6mm)
– 8-contact WSON
PRODUCT DESCRIPTION
SST’s serial flash family features a four-wire, SPI-com-
patible interface that allows for a low pin-count package
occupying less board space and ultimately lowering total
system costs. SST25VF010 SPI serial flash memory is
manufactured with SST’s proprietary, high performance
CMOS SuperFlash Technology. The split-gate cell design
and thick-oxide tunneling injector attain better reliability
and
manufacturability
compared
with
alternate
approaches.
The SST25VF010 device significantly improves perfor-
mance, while lowering power consumption. The total
energy consumed is a function of the applied voltage,
current, and time of application. Since for any given volt-
age range, the SuperFlash technology uses less current
to program and has a shorter erase time, the total energy
consumed during any Erase or Program operation is less
than
alternative
flash
memory
technologies.
The
SST25VF010 device operates with a single 2.7-3.6V
power supply.
The SST25VF010 device is offered in both 8-lead SOIC
and 8-contact WSON packages. See Figure 1 for the pin
assignments.
1 Mbit SPI Serial Flash
SST25VF010
SST25VF0101 Mb Serial Peripheral Interface (SPI) flash memory


Similar Part No. - SST25VF010-20-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF010-20-4C-QAE SST-SST25VF010-20-4C-QAE Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
More results

Similar Description - SST25VF010-20-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010_06 Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010A SST-SST25VF010A Datasheet
292Kb / 25P
   1 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com