Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF088-90-4I-EKE Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST39VF088-90-4I-EKE
Description  8 Mbit (x8) Multi-Purpose Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF088-90-4I-EKE Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST39VF088-90-4I-EKE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF088-90-4I-EKE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF088-90-4I-EKE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF088-90-4I-EKE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF088-90-4I-EKE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF088-90-4I-EKE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF088-90-4I-EKE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF088-90-4I-EKE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF088-90-4I-EKE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Preliminary Specifications
8 Mbit Multi-Purpose Flash
SST39VF088
©2003 Silicon Storage Technology, Inc.
S71227-04-000
11/03
Product Identification
The Product Identification mode identifies the device as the
SST39VF088 and manufacturer as SST. This mode may
be accessed by software operations. Users may use the
Software Product Identification operation to identify the part
(i.e., using the device ID) when using multiple manufactur-
ers in the same socket. For details, see Table 4 for software
operation, Figure 10 for the Software ID Entry and Read
timing diagram and Figure 15 for the Software ID Entry
command sequence flowchart.
Product Identification Mode Exit
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read operation.
This command may also be used to reset the device to the
Read mode after any inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. Please note that the Software ID Exit
command is ignored during an internal Program or Erase
operation. See Table 4 for software command codes and
Figure 15 for a flowchart.
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39VF088
0001H
D8H
T1.0 1227
Y-Decoder
I/O Buffers and Data Latches
1227 B1.0
Address Buffer & Latches
X-Decoder
DQ7 - DQ0
Memory
Address
OE#
CE#
WE#
SuperFlash
Memory
Control Logic
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - SST39VF088-90-4I-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF088-90-4I-EKE SST-SST39VF088-90-4I-EKE Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39VF088-90-4I-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080_07 Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com