Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE6354 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE6354
Description  Silicon Power Rectifier Diode, 300 Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6354 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6354 Datasheet HTML 1Page - NTE Electronics NTE6354 Datasheet HTML 2Page - NTE Electronics NTE6354 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Specifications:
Parameter
Symbol
Test Conditions
Rating
Unit
Maximum Average Forward Current
IF(AV)
180
° sinusoidal condition, TC = +130°C Max
300
A
Maximum Peak One–Cycle
IFSM
t = 10ms
No voltage
5000
A
Non–Repetitive Surge Current
t = 8.3ms
reapplied
5200
A
t = 10ms
100% VRRM
3800
A
t = 8.3ms
reapplied
Sinusoidal half wave,
4000
A
Maximum I2t for Fusing
I2t
t = 10ms
No voltage
Sinusoidal half wave,
Initial TJ = TJ max
214000
A2s
t = 8.3ms
reapplied
195000
A2s
Maximum I2t for Individual Device
t = 10ms
100% VRRM
151000
A2s
Fusing
t = 8.3ms
reapplied
138000
A2s
Maximum I2
pt
I2
pt
t = 0.1 to 10ms, no voltage reapplied
2140000
A2
pt
Maximum Value of Threshold
Voltage
VM (TO)
TJ = +200°C
0.610
V
Maximum Value of Forward Slope
Resistance
rt
TJ = +200°C
0.751
m
Thermal–Mechanical Specifications:
Parameter
Symbol
Test Conditions
Rating
Unit
Maximum Operation Junction Temperature
TJ
–40 to + 180
°C
Maximum Storage Temperature
Tstg
–55 to + 180
°C
Maximum Internal Thermal Resistance
Junction–to–Case
RthJC
DC operation
0.18
K/W
Thermal Resistance, Case–to–Sink
RthCS
Mounting surface flat, smooth and
greased
0.08
K/W
Mounting Torque
T
Non–lubricated threads
40.06
(360)
m
•N
(in
•lb)


Similar Part No. - NTE6354

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE63 NTE-NTE63 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Gain, Low Noise Amp
NTE630 NTE-NTE630 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE631 NTE-NTE631 Datasheet
60Kb / 2P
   Silicon Rectifier Diode High−Speed Switch (Surface Mount)
NTE633 NTE-NTE633 Datasheet
55Kb / 2P
   Silicon Rectifier Diode High Speed Switching (Surface Mount)
More results

Similar Description - NTE6354

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
NTE5844 NTE-NTE5844 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 20 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
NTE6129 NTE-NTE6129 Datasheet
21Kb / 2P
   Silicon Power Rectifier Diode, 700 Amp
NTE5826 NTE-NTE5826 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 50 Amp
NTE5810 NTE-NTE5810 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 12 Amp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com