Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T10XB80 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T10XB80
Description  10-AMPERE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

T10XB80 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T10XB80 Datasheet HTML 1Page - List of Unclassifed Manufacturers T10XB80 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings & Characteristics
Single Phase, 60 Hz, Resistive or Inductive Load
Ta = 25ºC Unless Otherwise Specified
CHARACTERISTIC
SYMBOL
T10XB40
T10XB60
T10XB80
UNIT
Peak Repetitive Reverse Voltage
VRRM
400
600
800
V
RMS Reverse Voltage
VR(RMS)
280
420
560
V
Average Rectified Output Current @ TC = 108ºC w/ cooling fin
Io
10.0
A
Average Rectified Output Current @ Ta = 25ºC w/o cooling fin
Io
2.7
A
Non-Repetitive Peak Forward Surge Current
10 mS single half sine-wave superimposed on rated load
IFSM
120
A
Maximum Forward Voltage per Element, IF = 5.0 A
VF
1.05
V
Peak Reverse Current per element at VR = VRRM
IR
10
µA
Operating and Storage Temperature Range
TJ ,Tstg
-40 to +150
°C
Reference Table for Heat-Sink Size
Average Rectified Output Current in Amps
3.0
5.0
7.5
9
11
Cooling Fin Single-face Area S1 (cm
2)
4
75
180
500
900
Cooling Fin Single-face Area S2 (cm
2)
8
65
100
310
490
Note: Vertical Mounting at Ta = 40ºC. HS Material: S1 = 1.5mm-Thick Aluminum, S2 = 3.0mm-Thick Copper
Manufactured by Tianjin Zhong – Huan Semiconductor Co., Ltd.
Rev 0, Sep 2002
T10XB Series (SIP)
10-AMPERE SILICON BRIDGE RECTIFIER
FEATURES
• Low Reverse Leakage Current
• Surge Overload Rating to 120A Peak
• Ideal for Printed Circuit Board Applications
• Epoxy Material – UL Recognition
Flammability Classification 94V-0
Mechanical Data
• Case:
Molded Epoxy Resin
• Terminals: Plated Leads, Solderable
per MIL-STD-202, Method 208
• Polarity: Molded on Body
UNIT: mm


Similar Part No. - T10XB80

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
T10XB80 SIPOWER-T10XB80 Datasheet
364Kb / 2P
   Bridge Rectifier
More results

Similar Description - T10XB80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2SBA40 ETC1-T2SBA40 Datasheet
39Kb / 2P
   1.5-AMPERE SILICON BRIDGE RECTIFIER
KBPC3500 ETC1-KBPC3500 Datasheet
142Kb / 2P
   35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBL0 ETC-KBL0 Datasheet
123Kb / 2P
   4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC100 ETC-KBPC100 Datasheet
119Kb / 2P
   3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC2500-BR250 ETC-KBPC2500-BR250 Datasheet
124Kb / 2P
   25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBU10005 FUJI-KBU10005 Datasheet
791Kb / 1P
   10 AMP SILICON BRIDGE RECTIFIER
KBPC10005P FUJI-KBPC10005P Datasheet
812Kb / 1P
   10 AMP SILICON BRIDGE RECTIFIER
logo
Fairchild Semiconductor
KBL005 FAIRCHILD-KBL005 Datasheet
28Kb / 2P
   4.0 Ampere Silicon Bridge Rectifiers
KBU4A FAIRCHILD-KBU4A Datasheet
59Kb / 4P
   4.0 Ampere Silicon Bridge Rectifiers
KBU6A FAIRCHILD-KBU6A Datasheet
30Kb / 3P
   6.0 Ampere Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com