Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89306 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89306
Description  3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89306 Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY89306 Datasheet HTML 1Page - Micrel Semiconductor SY89306 Datasheet HTML 2Page - Micrel Semiconductor SY89306 Datasheet HTML 3Page - Micrel Semiconductor SY89306 Datasheet HTML 4Page - Micrel Semiconductor SY89306 Datasheet HTML 5Page - Micrel Semiconductor SY89306 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Precision Edge®
SY89306/316V
Micrel, Inc.
8 LEAD ULTRA-SMALL EPAD-
MicroLeadFrame™ (MLF-8)
Package
EP- Exposed Pad
Die
CompSide Island
Heat Dissipation
Heavy Copper Plane
Heavy Copper Plane
VEE
VEE
Heat Dissipation
PCB Thermal Consideration for 8-Pin MLF™ Package
Package Notes:
1. Package meets Level 2 Moisture Sensitivity Classification and is shipped in Dry-pack form.
2. Exposed pads must be soldered to the most negative supply plane, equivalent to V
EE, for proper thermal
management.
MICREL, INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.


Similar Part No. - SY89306

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89306 MICREL-SY89306 Datasheet
53Kb / 6P
   3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
SY89306VMGTR MICREL-SY89306VMGTR Datasheet
53Kb / 6P
   3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
SY89306VMITR MICREL-SY89306VMITR Datasheet
53Kb / 6P
   3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
SY89306 MICREL-SY89306_06 Datasheet
53Kb / 6P
   3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
More results

Similar Description - SY89306

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SY89206V MICROCHIP-SY89206V Datasheet
730Kb / 16P
   3.3V/5V 1 GHz Differential PECL/ECL Receiver/Buffer
05/14/19
logo
Micrel Semiconductor
SY89206V MICREL-SY89206V Datasheet
53Kb / 6P
   3.3V/5V 1GHz DIFFERENTIAL PECL/ECL RECEIVER/BUFFER
SY89306 MICREL-SY89306_06 Datasheet
53Kb / 6P
   3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com