Selected language     English  ▼


T-1016G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. T-1016G
Description  RADSL Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
FSCM No.
16714
1 of 1
01/02/98
T-1016G
GLOBESPAN
RADSL Transformer
Reinforced Insulation Per
EN 41003/EN 60950
1
3
10
8
2
4
9
7
Schematic Diagram
Parameter
Min.
Max.
Units
Turns Ratio (1-3) : (10-7) with 8 & 9 shorted
1 : 3.93
1 : 4.17
Turns Ratio (2-4) : (10-7) with 8 & 9 shorted
1 : 1.96
1 : 2.08
Primary Inductance
25
30
µH
Pins 1-3, All others windings open
Leakage Inductance(1)
.5
µH
Leakage Inductance(2)
5
µH
Interwinding Capacitance(3)
30
pF
Interwinding Capacitance(4)
35
pF
Resistance pins (1-3)
0.5
ohms
Resistance pins (2-4)
1.0
ohms
Resistance pins (7-10)
2.0
ohms
with 8,9 shorted
Isolation (Hi-Pot)
3000
V
RMS
DC Bias
2
mA
Insertion Loss 35 kHz to 1.0 MHz
0.5
dB
Longitudinal Balance 35 KHz to 650 KHz
-60
dB
Signal Voltage (secondary)
15
Vp-p
THD, Total Harmonic Distortion
-90
dB
15 Vp-p @ 100 KHz at (7-10) with 8,9 shorted
1. Tested at 100 KHz & 100 mV (1-3) with 2,4 open 7,8,9,10 shorted
2. Tested at 100 KHz & 100 mV (2-4) with 1,3 open 7,8,9,10 shorted
3. Tested at 100 KHz & 100 mV (1-3) to (10-7) with 8,9 shorted
4. Tested at 100 KHz & 100 mV (2-4) to (10-7) with 8,9 shorted
Physical
Dimensions
inches (mm)
.148
(3.75)
TYP.
.039
(1.00)
TYP.
.385
(9.77)
.854
(21.7)
MAX.
.1.09
(27.7)
.81
(20.6)
.827
(21.0)
.012
(0.30)
TYP.
.07
(1.80)
.148
(3.75)
.787
(20.0)
.079
(2.0)
.11
(2.8)
10
9
8
7
6
12
3
4
5
Suggested
Solder Pad
Layout




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2776FRADSL MAGNETICS International Transformer 1 2 Bel Fuse Inc.
2808FRADSL MAGNETICS Transformer 1 2 Bel Fuse Inc.
2808DRADSL MAGNETICS Transformer 1 2 Bel Fuse Inc.
0554-3855-00ISDN TRANSFORMER 1 Bel Fuse Inc.
EPC3127-XFlyback Power Transformer 1 PCA ELECTRONICS INC.
ETC16-1T-25 - 40 MHz E-Series RF 16:1 Transformer 1 Tyco Electronics
ETN1-1-13E-Series RF 1:1 Transformer 4.5 - 2000 MHz 1 2 Tyco Electronics
TP-7550/75-Ohm Transformer 2 - 200 MHz 1 Tyco Electronics
PIT-2601ISDN U INTERFACE TRANSFORMER FOR AT&T T7234 1 Micro Electronics
UCC2975MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl