Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-1114G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T-1114G
Description  ADSL Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

T-1114G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T-1114G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
PARAMETER
MIN.
MAX.
UNITS
Primary Inductance1
895
1200
µH
Pins 1-4 with 2 & 3 shorted.
Secondary Inductance
453
550
µH
Pins 10-7 with 8 & 9 shorted.
Leakage Inductance
15
µH
Interwinding Capacitance
20
pF
Primary DC Resistance
0.4
ohms
Pins 1-3 or 2-4
Secondary DC Resistance
0.4
ohms
Pins 10-8, or 9-7
Isolation (Hi-Pot)
3000
V
RMS
DC Bias
2
mA
1Tested @ 100kHz & 100 mV
RMS
Se c
Pri
1 of 1
1/15/98
T-1114G
Schematic Diagram
Turns Ratio (
+ 3 % )
1.4 : 1
ADSL Transformer
Reinforced Insulation Per EN 41003/EN 60950
Physical
Dimensions
inches (mm)
This part is available in
Surface Mount.
Add Suffix "G"
to part number.
Unused Pins
Omitted
www.rhombus-ind.com


Similar Part No. - T-1114G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1114G RHOMBUS-IND-T-1114G Datasheet
35Kb / 1P
   ADSL Transformer Reinforced Insulation Per EN 41003/EN 60950
More results

Similar Description - T-1114G

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6644 FILTRAN-6644 Datasheet
68Kb / 1P
   ADSL Transformer
logo
XFMRS Inc.
XF0053A-EP13S XFMRS-XF0053A-EP13S Datasheet
75Kb / 1P
   ADSL TRANSFORMER
XF0709-AD23S XFMRS-XF0709-AD23S Datasheet
47Kb / 1P
   ADSL TRANSFORMER
XF0709-AD24S XFMRS-XF0709-AD24S Datasheet
43Kb / 1P
   ADSL TRANSFORMER
XF0709-AD25S XFMRS-XF0709-AD25S Datasheet
49Kb / 1P
   ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A Datasheet
63Kb / 1P
   ADSL TRANSFORMER
XFADSL33 XFMRS-XFADSL33 Datasheet
101Kb / 1P
   ADSL TRANSFORMER
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
   ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
   ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
   ADSL TRANSFORMER
XFADSL1S XFMRS-XFADSL1S Datasheet
61Kb / 1P
   ADSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com