Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T73327B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # T73327B
Description  15-36 MHz, 3.3V VCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

T73327B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  T73327B Datasheet HTML 1Page - List of Unclassifed Manufacturers T73327B Datasheet HTML 2Page - List of Unclassifed Manufacturers T73327B Datasheet HTML 3Page - List of Unclassifed Manufacturers T73327B Datasheet HTML 4Page - List of Unclassifed Manufacturers T73327B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T73327/T73327A/T73327B
Preliminary Information
T73327/73327A/73327BPI
Page
3
Rev J, January 14, 2005
Table 3. Operating Conditions
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage, VDD
+3.135
+3.3
+3.465
V
Input High Voltage, VIH, X1 pin only
+2.5
V
Input Low Voltage, VIL, X1 pin only
+0.4
V
Operating Temperature
0
+70
°C
VCXO control voltage, VIN
0
+3.3
V
Table 4. DC Electrical Characteristics
TA = 0°C to +70°C, VDD = +3.135 V to +3.465 V
Parameter
Condition
Min
Typ
(1)
Max
Units
Output High Voltage, VOH
IOH = -12mA
2.4
V
Output Low Voltage, VOL
IOL = 12mA
0.4
V
Operating Supply Current, IDD
No Load, 27 MHz
14.0
20.0
mA
Short Circuit Current
Each output
±50
mA
Input Capacitance
7
pF
Note:
1. Typical values are at VDD = 3.3V and +25°C
Table 5. AC Electrical Characteristics
TA = 0°C to +70°C, VDD = +3.135 V to +3.465 V
Symbol
Parameter
Condition
Min
Typ
(1)
Max
Units
fosc
Input Crystal Frequency
15
27
36
MHz
tr
Output Clock Rise Time
+0.8 to +2.0V
1.5
ns
tf
Output Clock Fall Time
+2.0 to +0.8V
1.5
ns
tod
Output Clock Duty Cycle
At VDD/2
45
50
55
%
Lin
Pull Range Linearity
(2)
VIN = 0.1 VDD ~ 0.9 VDD
5
%
Frequency vs Supply voltage
5
%
tjit (pk – pk)
Maximum Absolute Jitter
(Peak to Peak)
CL = 15pF
50
ps
Phase Noise
27 MHz @ 10 KHz
27 MHz @ 100 KHz
-154
-156
dBc/Hz
dBc/Hz
fPULL
Output frequency pullability
0V
≤VIN ≤ +3.3V
±100
±120
ppm
Note:
1.
Typical values are at VDD = +3.3V and +25°C
2.
Mil-PRF-55310D 4.8.31.5 Deviation Linearity
TLSI Incorporated, 770 Park Avenue
, Huntington NY 11743 • (631) 755-7005 • Fax 631-755-7626 • www.tlsi.com


Similar Part No. - T73327B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T7333 ETC1-T7333 Datasheet
429Kb / 3P
   TRIANGULAR TYPE
More results

Similar Description - T73327B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0215A TAI-SAW-TX0215A Datasheet
188Kb / 5P
   7.0x5.0 36 MHz VCXO
logo
Pericom Semiconductor C...
PI6CX100-272 PERICOM-PI6CX100-272 Datasheet
235Kb / 4P
   27 MHz 3.3V VCXO
logo
Integrated Device Techn...
ICS726A IDT-ICS726A_10 Datasheet
168Kb / 7P
   12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A Datasheet
173Kb / 7P
   12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A_12 Datasheet
101Kb / 7P
   12 TO 36 MHZ 6TSOT VCXO
logo
Integrated Circuit Syst...
ICS726 ICST-ICS726 Datasheet
118Kb / 6P
   12 TO 36 MHZ SOT-23 VCXO
logo
Golledge Electronics Lt...
GVXO-53F GOLLEDGE-GVXO-53F_15 Datasheet
112Kb / 1P
   3.3V VCXO
GVXO-43 GOLLEDGE-GVXO-43_16 Datasheet
131Kb / 1P
   3.3V VCXO
logo
Vaishali Semiconductor
VT73127 VAISH-VT73127 Datasheet
39Kb / 4P
   27 MHz 3.3V VCXO with Output Enable
logo
Golledge Electronics Lt...
GVXO43 GOLLEDGE-GVXO43 Datasheet
64Kb / 1P
   3.3V VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com