Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0030 Datasheet(PDF) 5 Page - RF Micro Devices

Part # TA0030
Description  TRANSMIT AND RECEIVE AGC AMPLIFIERS FOR CDMA CELLULAR /PCS PHONES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

TA0030 Datasheet(HTML) 5 Page - RF Micro Devices

  TA0030 Datasheet HTML 1Page - RF Micro Devices TA0030 Datasheet HTML 2Page - RF Micro Devices TA0030 Datasheet HTML 3Page - RF Micro Devices TA0030 Datasheet HTML 4Page - RF Micro Devices TA0030 Datasheet HTML 5Page - RF Micro Devices TA0030 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
13-155
TA0030
13
Copyright 1997-2000 RF Micro Devices, Inc.
system designer only wishes to use the modulator/
AGC section. In the receive chain, a demodulator is
added to the receive AGC amplifier. In this case, the
output of the part is I/Q data at baseband frequencies.
The RF9957 CDMA Receive IC includes both of these
functions. Both the RF9957 and RF9958 operate from
a single 3V power supply.
 
The RF2607 and the RF2609 are two critical compo

nents of the RF section of a CDMA phone (see Figure
9). Both of these IC's were designed to meet all of IS-
95's worst-case requirements and are available in high
volume at low cost. Please call RF Micro Devices' Mar-
keting Department for additional information and
details on these two products, or any others, at 910-
664-1233. Also, please check our web page at
www.rfmd.com.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
GAIN
CONTROL
IN
SEL.
10 nF
R1:
1 k
CDMA-
FM IN
CDMA+
IF IN
SELECT
4.7 k
GC
10 nF
L1
L1
V
CC
C2
OUT+
OUT-
V
CC
R2:
500
C1
C1
C2
Measurement
Reference Plane
Z
LOAD=500Ω
FM IF Filter
CDMA IF Filter
Z
S=500 Ω
Z
IN, EFF=500 Ω
Z
IN=1 kΩ
Z
S=850 Ω
Z
S, EFF=333 Ω
Z
IN=850 Ω
Measurement
Reference Plane
Z
LOAD,EFF=250 Ω
Z
OUT=500 Ω
R1 sets the CDMA balanced input impedance. The effective input
impedance is then 500
Ω.
R2 sets the balanced output impedance to 500
Ω. L1 and C2 serve dual
purposes. L1 serves as an output bias choke, and C2 serves as a series DC
block. In addition, the values of L1 and C2 may be chosen to form an
impedance matching network of the load impedance is not 500
Ω.
Otherwise, the values of L1 and C1 are chosen to form a parallel-resonant
tank circuit at the IF when the load impedance is 500
Ω.
10 nF
10 nF
Figure 8. RF2607 Application Circuit


Similar Part No. - TA0030

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
TA0038 RFMD-TA0038 Datasheet
135Kb / 6P
   DC ACCURATE FSK MODULATOR
More results

Similar Description - TA0030

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
   W-CDMA RECEIVE AGC AND DEMODULATOR
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
   CDMA/FM RECEIVE AGC AND DEMODULATOR
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
   3V CDMA RECEIVE AGC AMPLIFIER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
   CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
   CDMA/FM TRANSMIT AGC AMPLIFIER
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
   W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
   3V CDMA/FM RECEIVE AGC AMPLIFIER
logo
ams AG
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
   CDMA/FM RECEIVE AGC AMPLIFIER AS3802
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com