Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG16C Datasheet(PDF) 2 Page - SanRex Corporation

Part # TG16C
Description  TRIAC (ISOLATED MOLD TYPE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TG16C Datasheet(HTML) 2 Page - SanRex Corporation

  TG16C Datasheet HTML 1Page - SanRex Corporation TG16C Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TG16C
;
Gate Characteristics
Gate Current(mA)
10
10
10
−1
10
10
10
125℃
25℃
−25℃
Peak Gate Voltage(10V)
Peak
Gate
Power
10W
Average
Gate
Power
(1
W)
Gate
Distribution
Maximum Gate Voltage that will not trigger any unit
On-State Voltage(MAX)
On-State Voltage(V)
10
10
10
360゜
θ
θ
θ
:Conduction Angle
π
On State Current vs.
Maximum Power Dissipation
RMS On-State Current(A)
16
24
12
20
16
12
20
θ=180゜
θ=150゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
360゜
θ
θ
θ
:Conduction Angle
π
80
100
120
70
90
110
130
On State Current vs.
Allowable Case Temperature
RMS On-State Current(A)
16
20
12
θ=30゜
θ=60゜
θ=90゜
θ=120゜
θ=150゜
θ=180゜
12
16
20
Ambient temp. vs. RMS On-State Current
Maximum Allowable Ambient Temperature(℃)
20
40
60
80
120
100
140
Conduction Angle 180゜
Apply following figures for
different conduction angles
θ
:150゜
:1.05
θ
:120゜
:1.16
θ
: 90゜
:1.26
θ
: 60゜
:1.40
θ
: 30゜
:1.61
120゜
×3Rth:2.7℃/W
100゜
×3Rth:3.3℃/W
80゜
×3Rth:4.6℃/W
FIn:Al plate pained black
θ=180゜
(Rth:heat Sink Thermal Impedance)
50
150
100
200
250
Surge On-State Current Rating
(Non-Repetitive)
Time(cycles)
10
10
10
60Hz
50Hz
Tj=25℃ start
10
ー3
10
ー2
10
ー1
10
10
10
10
10
Time
t(sec)
12
10
11
12
10
11
Transient Thermal Impedance
Fin:Al plate pained black
80゜
×3t
120゜
×3t
100゜
×3t
Junction to case


Similar Part No. - TG16C

ManufacturerPart #DatasheetDescription
logo
Altech corporation
TG1608-6 ALTECH-TG1608-6 Datasheet
82Kb / 1P
   ABS/POLYCARBONATE ENCLOSURE TG 1608-6
TG1608-9 ALTECH-TG1608-9 Datasheet
82Kb / 1P
   ABS/POLYCARBONATE ENCLOSURE TG 1608-9
TG1612-9 ALTECH-TG1612-9 Datasheet
83Kb / 1P
   ABS/POLYCARBONATE ENCLOSURE TG 1612-9
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
   TCXO/VC-TCXO HIGH STABILITY
logo
Epson Company
TG1612SAN EPSON-TG1612SAN Datasheet
440Kb / 2P
   HIGH STABILITY
More results

Similar Description - TG16C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG-F ETC-TG-F Datasheet
663Kb / 6P
   ISOLATED TRIAC MOLD TYPE
logo
NEC
AC16DSMA NEC-AC16DSMA Datasheet
146Kb / 6P
   16A MOLD ISOLATED TRIAC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
   3 A MOLD ISOLATED TRIAC
logo
SanRex Corporation
DG20AA SANREX-DG20AA Datasheet
93Kb / 2P
   DIODE(ISOLATED MOLD TYPE)
TG35F40 SANREX-TG35F40 Datasheet
99Kb / 2P
   TRIAC (ISOLATED TYPE)
TG70AA60 SANREX-TG70AA60 Datasheet
113Kb / 2P
   TRIAC (ISOLATED TYPE)
TMG16C40 SANREX-TMG16C40 Datasheet
411Kb / 2P
   TRIAC(ISOLATED TYPE)
TMG10C40 SANREX-TMG10C40 Datasheet
330Kb / 2P
   TRIAC ( ISOLATED TYPE )
logo
Renesas Technology Corp
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
   12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
   10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com