Electronic Components Datasheet Search |
|
TS256MRMMC4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
TS256MRMMC4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 11 page T T TS S S2 2 25 5 56 6 6M M MR R RM M MM M MC C C4 4 4 256MB MMCmobile Transcend Information Inc. 4 DC Characteristics • High Voltage Power Supply (Ta=-25℃ to 85℃,VDDH=2.7V to3.6V) Parameter Symbol Min. Typ. Max. Unit Condition Output Low Voltage (OD) VODOL 0.3 V IOL =2mA Output High Voltage (PP) VOH 0.75* VDDH V IOH =-100uA Output Low Voltage (PP) VOL 0.125* VDDH V IOL =100uA Input High Voltage VIH 0.625* VDDH VDDH +0.3 V Input Low Voltage VIL -0.3 0.25* VDDH V Operating Current ICC 20(TBD) mA IVCCF =0mA Stand-by Current ISB 400(TBD) uA Input Leakage Current ILI -10/+10 uA VIN =0 to VDDH Output Leakage Current ILO -10/+10 uA VOUT =0 to VDDH Pin Capacitance CP 7 pF Power Output Voltage VF 1.50 1.8 1.95 V IF<=240mA • Low Voltage Power Supply (Ta=-25℃ to 85℃,VDDL=1.65V to 1.95V) Parameter Symbol Min. Typ. Max. Unit Condition Output High Voltage VOH VDDL -0.2 V IOH =-100uA Output Low Voltage VOL 0.2 V IOL =100uA Input High Voltage VIH 0.7* VDDL VDDL +0.3 V Input Low Voltage VIL -0.3 0.3* VDDL V Operating Current ICC 20(TBD) mA IVCCF =0mA Stand-by Current ISB 400(TBD) uA Input Leakage Current ILI -10/+10 uA VIN =0 to VDDL Output Leakage Current ILO -10/+10 uA VOUT =0 to VDDL Pin Capacitance CP 7 pF |
Similar Part No. - TS256MRMMC4 |
|
Similar Description - TS256MRMMC4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |