Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS115U Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPS115U
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 15 VOLT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS115U Datasheet(HTML) 2 Page - Microsemi Corporation

  UPS115U Datasheet HTML 1Page - Microsemi Corporation UPS115U Datasheet HTML 2Page - Microsemi Corporation UPS115U Datasheet HTML 3Page - Microsemi Corporation UPS115U Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi
Colorado Division
800 Hoyt Street, Broomfield CO. 303-469-2161, Fax: 303-466-3775
Page 2
Copyright
2000
MSCXXXX 2002-5-16 Rev. 2
UPS115U
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
1.0 AMP, 15 VOLT
CO L O RA D O DI V I S I O N
MA X I MU M R A TI N G S
RATING
(Conditions)
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
VRRM
VRWM
VR
15
15
V
V
V
Average Rectified Forward Current
(@ Rated VR and TL = 65ºC)
IO
1.0
A
Repetitive Peak Surge Current
(Non-Repetitive peak surge current
@ IO = 1.0 Amps )
IFSM
50
A
Storage Temperature Range
TSTG, TC
-55 to 150
°C
Operating Temperature Range
TJ
-55 to 100
°C
Voltage Rate of Change
(@ Rated VR and TJ = 25ºC)
dv/dt
1000
V/us
Max Peak Reverse Current (VRRM = 15V, TJ = 25ºC)
IRM
10
mA
THER M A L CHARAC TERIS TIC S
RATING
SYMBOL
VALUE
UNIT
Thermal Resistance, Junction – to – Lead (1)
ROJL
15
°C/W
ELEC TRICA L CHAR ACTERI STI CS
RATING
(Conditions)
SYMBOL
VALUE
UNIT
Maximum Instantaneous Forward Voltage
(IF = 1.0 Amps, TJ = +75ºC)
VF
.22
Volts
Maximum Instantaneous Reverse Current
(VR = 15 Vdc, TJ = +25ºC)
IRM
10
mA
Typical Junction Capacitance (TJ = 25ºC, VR = 5V)
CJ
150
pF


Similar Part No. - UPS115U

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS1040E3 MICROSEMI-UPS1040E3 Datasheet
294Kb / 4P
   10 A LOW VF Schottky BARRIER RECTIFIER
logo
Tycon Systems, Inc.
UPS12-50-XXX TYCONSYSTEMS-UPS12-50-XXX Datasheet
231Kb / 2P
   UPSPro® 120W & 600W Outdoor UPS System
UPS12-50L-500 TYCONSYSTEMS-UPS12-50L-500 Datasheet
281Kb / 2P
   500W Lithium UPS Systems
logo
Micro Commercial Compon...
UPS120 MCC-UPS120 Datasheet
98Kb / 3P
   1 Amp Schottky Rectifier 20 to 40 Volts
logo
Microsemi Corporation
UPS120 MICROSEMI-UPS120 Datasheet
303Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - UPS115U

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR15100ULPS MCC-MBR15100ULPS Datasheet
320Kb / 2P
   15 Amp Low VF Schottky Barrier Rectifier 100 Volts
MBR1550LPS MCC-MBR1550LPS Datasheet
569Kb / 3P
   15 Amp Low VF Schottky Barrier Rectifier 50 Volts
MBR1550ULPS MCC-MBR1550ULPS_16 Datasheet
564Kb / 3P
   15 Amp Low VF Schottky Barrier Rectifier 50 Volts
logo
Thinki Semiconductor Co...
15T50 THINKISEMI-15T50 Datasheet
1Mb / 3P
   15 Ampere,50 Volt Trench Process Low Vf Schottky Barrier Rectifier
Rev.12T
15U50 THINKISEMI-15U50 Datasheet
1Mb / 3P
   15 Ampere,50 Volt Trench Process Low Vf Schottky Barrier Rectifier
Rev.12T
DST1550S THINKISEMI-DST1550S Datasheet
1Mb / 3P
   15 Ampere,50 Volt Trench Process Low Vf Schottky Barrier Rectifier
Rev.12T
V15PN50-M3 THINKISEMI-V15PN50-M3 Datasheet
1Mb / 3P
   15 Ampere,50 Volt Trench Process Low Vf Schottky Barrier Rectifier
Rev.12T
T15U50S THINKISEMI-T15U50S Datasheet
1Mb / 3P
   15 Ampere,50 Volt Trench Process Low Vf Schottky Barrier Rectifier
Rev.12T
V15PL50-M3 THINKISEMI-V15PL50-M3 Datasheet
1Mb / 3P
   15 Ampere,50 Volt Trench Process Low Vf Schottky Barrier Rectifier
Rev.12T
ST1550S THINKISEMI-ST1550S Datasheet
1Mb / 3P
   15 Ampere,50 Volt Trench Process Low Vf Schottky Barrier Rectifier
Rev.12T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com