Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS244 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT54ACS244
Description  Radiation-Hardened Octal Buffers & Line Drivers, Three-State Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT54ACS244 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT54ACS244 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT54ACS244 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT54ACS244 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT54ACS244 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT54ACS244 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT54ACS244 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RadHard MSI Logic
160
UT54ACS244/UT54ACTS244
LOGIC DIAGRAM
RADIATION HARDNESS SPECIFICATIONS 1
Notes:
1. Logic will not latchup during radiation exposure within the limits defined in the table
2. Device storage elements are immune to SEU affects.
ABSOLUTE MAXIMUM RATINGS
Note:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, functional operation of the device
at these or any other conditions beyond limits indicated in the operational sections is not recommended. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
PARAMETER
LIMIT
UNITS
Total Dose
1.0E6
rads(Si)
SEU Threshold 2
80
MeV-cm2/mg
SEL Threshold
120
MeV-cm2/mg
Neutron Fluence
1.0E14
n/cm
2
1A1
1A2
1A3
1A4
1G
(2)
(4)
(6)
(8)
(1)
(16)
(14)
(12)
(18)
1Y1
1Y2
1Y3
1Y4
2A1
2A2
2A3
2A4
2G
(11)
(13)
(15)
(17)
(19)
(7)
(5)
(3)
(9)
2Y1
2Y2
2Y3
2Y4
SYMBOL
PARAMETER
LIMIT
UNITS
VDD
Supply voltage
-0.3 to 7.0
V
VI/O
Voltage any pin
-.3 to VDD +.3
V
TSTG
Storage Temperature range
-65 to +150
C
TJ
Maximum junction temperature
+175
C
TLS
Lead temperature (soldering 5 seconds)
+300
C
JC
Thermal resistance junction to case
20
C/W
II
DC input current
10
mA
PD
Maximum power dissipation
1
W


Similar Part No. - UT54ACS244

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS244 AEROFLEX-UT54ACS244 Datasheet
232Kb / 10P
   Octal Buffers & Line Drivers, Three-State Outputs
UT54ACS244E AEROFLEX-UT54ACS244E Datasheet
110Kb / 8P
   Octal Buffers and Line Drivers
More results

Similar Description - UT54ACS244

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS244 AEROFLEX-UT54ACS244 Datasheet
232Kb / 10P
   Octal Buffers & Line Drivers, Three-State Outputs
UT54ACS541 AEROFLEX-UT54ACS541 Datasheet
234Kb / 10P
   Octal Buffers & Line Drivers, Three-State Outputs
UT54ACS240 AEROFLEX-UT54ACS240 Datasheet
234Kb / 10P
   Octal Buffers & Line Drivers, Inverted Three-State Outputs
UT54ACS540 AEROFLEX-UT54ACS540 Datasheet
234Kb / 10P
   Octal Buffers & Line Drivers, Inverted Three-State Outputs
UT54ACTS541E AEROFLEX-UT54ACTS541E Datasheet
139Kb / 9P
   Octal Buffers and Line Drivers, Three-State Outputs
logo
Renesas Technology Corp
HD74LS240 RENESAS-HD74LS240 Datasheet
74Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
logo
Hitachi Semiconductor
HD74LS240 HITACHI-HD74LS240 Datasheet
53Kb / 5P
   Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
HD74LS244 HITACHI-HD74LS244 Datasheet
53Kb / 5P
   Octal Buffers/Line Drivers/Line Receivers(non inverted three-state outputs)
logo
Renesas Technology Corp
HD74LS241 RENESAS-HD74LS241 Datasheet
152Kb / 5P
   Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
HD74LS244 RENESAS-HD74LS244 Datasheet
73Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com