Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V26L8060AA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # V26L8060AA
Description  color TFT LCD module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V26L8060AA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  V26L8060AA Datasheet HTML 1Page - List of Unclassifed Manufacturers V26L8060AA Datasheet HTML 2Page - List of Unclassifed Manufacturers V26L8060AA Datasheet HTML 3Page - List of Unclassifed Manufacturers V26L8060AA Datasheet HTML 4Page - List of Unclassifed Manufacturers V26L8060AA Datasheet HTML 5Page - List of Unclassifed Manufacturers V26L8060AA Datasheet HTML 6Page - List of Unclassifed Manufacturers V26L8060AA Datasheet HTML 7Page - List of Unclassifed Manufacturers V26L8060AA Datasheet HTML 8Page - List of Unclassifed Manufacturers V26L8060AA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
V26L8060AA
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:3
1. Application
This data sheet applies to a color TFT LCD module, V26L8060AA.
V26L8060AA module applies to note-book PC, sub-note-book PC and other O/A
products
which require high quality flat panel display. This module is not designed for aerospace,
avionics, medical, F/A, transportation, car or any other products which require extreme level
of reliability.
Prime View assume no responsibility for any damage resulting from the use of the device
which dose not comply with the instructions and the precautions in these specification sheet.
2. Features
. Amorphous silicon TFT LCD panel with back-light unit
. Pixel in stripe configuration
. Slim and compact, designed for O/A application
. Display Colors
262,144 colors
. Optimum Viewing Direction
6 o’clock
. 3.3V LVDS interface standard : DS90CF364 as receiver
. +3.3V DC supply voltage for TFT LCD panel driving
. Back-light driving DC/AC inverter not included in this module
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
26.4(diagonal)
cm
10.4 (diagonal)
inch
Display Format
800
(R, G, B)600
dot
Display Colors
262,144
Active Area
211.2(H)
158.4 (V)
mm
Pixel Pitch
0.264 (H)
0.264 (V)
mm
Pixel Configuration
Stripe
Outline Dimension
238.6 (w)
171.0(H)6.0 max (D)
mm
Weight
312(typ.)
g
Back-light
Single CCFL, side-light type
Surface treatment
Anti-glare and hard-coating
Display mode
Normally white


Similar Part No. - V26L8060AA

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
V2616A MOXA-V2616A Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5 MOXA-V2616A-C5 Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-CTLX MOXA-V2616A-C5-CTLX Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-CTW7E MOXA-V2616A-C5-CTW7E Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A-C5-LX MOXA-V2616A-C5-LX Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU, EN 50155 railway computer
More results

Similar Description - V26L8060AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com