Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W55MID50 Datasheet(PDF) 5 Page - Winbond

Part # W55MID50
Description  WINBOND MFID READER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W55MID50 Datasheet(HTML) 5 Page - Winbond

  W55MID50 Datasheet HTML 1Page - Winbond W55MID50 Datasheet HTML 2Page - Winbond W55MID50 Datasheet HTML 3Page - Winbond W55MID50 Datasheet HTML 4Page - Winbond W55MID50 Datasheet HTML 5Page - Winbond W55MID50 Datasheet HTML 6Page - Winbond W55MID50 Datasheet HTML 7Page - Winbond W55MID50 Datasheet HTML 8Page - Winbond W55MID50 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
W55MID50 Data Sheet
Winbond Electronics Corp.
5
Revision: A3
Publish Date: 2003/3/24
System Description
2.1 W55MID50 System Block Diagram
2.2 W55MID50 Functional Description
Transmission Power Amplifier (PA)
It provides 4 different selectable transmission
power for Reader chip to support MFIDWB Tag's
radiation power supply. The external inductor coupling
circuit is designed for 13.56MHz magnetic field
resonance. The coupled center frequency will depend
on equivalent value of external PCB inductor and
capacitor.
Envelope Detector & Analog Front End
The major function of this unit provides
MFID
WB
Tag's data can be extracted.
Voltage Regulator
The voltage regulator generates the system
needs of device power supply.
Configuration Register
System configuration register controls the all
functional settings of W55MID50 such as Tag data
Command
Extractor
Configuration
Register
Data-
Buff.
output
Data-
Buff.
I
Envelope detector
&
Analog Front End
Oscillation circuit
13.56MHz
Voltage
Regulator
Preamble
&
Data Clk
Generator
Decoder
(NRZ/
Man.)
Reset &
Power down
Control
PA
Data-
Buff.
II
TXD


Similar Part No. - W55MID50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W55MID50 ETC2-W55MID50 Datasheet
1,005Kb / 12P
   Nuvoton MFID Reader
logo
Nuvoton Technology Corp...
W55MID50 NUVOTON-W55MID50 Datasheet
1,005Kb / 12P
   Nuvoton MFID Reader
W55MID50D20 NUVOTON-W55MID50D20 Datasheet
1,005Kb / 12P
   Nuvoton MFID Reader
W55MID50S20 NUVOTON-W55MID50S20 Datasheet
1,005Kb / 12P
   Nuvoton MFID Reader
More results

Similar Description - W55MID50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W55MID50 ETC2-W55MID50 Datasheet
1,005Kb / 12P
   Nuvoton MFID Reader
logo
Nuvoton Technology Corp...
W55MID50 NUVOTON-W55MID50 Datasheet
1,005Kb / 12P
   Nuvoton MFID Reader
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
   Winbond USB Interface MS/SD/MMC Reader
logo
Nuvoton Technology Corp...
W55MID15 NUVOTON-W55MID15 Datasheet
539Kb / 12P
   Nuvoton MFID Transponder
logo
List of Unclassifed Man...
W55MID15 ETC2-W55MID15 Datasheet
539Kb / 12P
   Nuvoton MFID Transponder
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com