Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE6508 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE6508
Description  Integrated Circuit CMOS, 1K Static RAM (SRAM)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6508 Datasheet(HTML) 3 Page - NTE Electronics

  NTE6508 Datasheet HTML 1Page - NTE Electronics NTE6508 Datasheet HTML 2Page - NTE Electronics NTE6508 Datasheet HTML 3Page - NTE Electronics NTE6508 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Read Cycle Truth Table:
Inputs
Outputs
Time Reference
E
W
A
D
Q
Function
–1
H
X
X
X
Z
Memory Disabled
0
H
V
X
Z
Cycle Begins, Addresses are Latched
1
L
H
X
X
X
Output Enables
2
L
H
X
X
V
Output Valid
3
H
X
X
V
Read Accomplished
4
H
X
X
X
Z
Prepare for Next Cycle (Same as –1)
5
H
V
X
Z
Cycle Ends, Next Cycle Begins (Same as 0)
In the NTE6508 Read Cycle, the address information is latched into the on chip registers on the falling
edge of E (T = 0). Minimum address setup and hold time requirements must be met. After the required
hold time, the addresses may change state without affecting device operation. During time (T = 1)
the data output becomes enabled; however, the data is not valid until during time (T = 2). W must
remain high for the read cycle. After the output data has been read, E may return high (T = 3). This
will disable the chip and force the output buffer to a high impedance state. After the required E high
time (TEHEL) the RAM is ready for the next memory cycle (T = 4).
Write Cycle Truth Table:
Inputs
Outputs
Time Reference
E
W
A
D
Q
Function
–1
H
X
X
X
Z
Memory Disabled
0
X
V
X
Z
Cycle Begins, Addresses are Latched
1
L
X
X
Z
Write Period Begins
2
L
X
V
Z
Data is Written
3
H
X
X
Z
Write Completed
4
H
X
X
X
Z
Prepare for Next Cycle (Same as –1)
5
X
V
X
Z
Cycle Ends, Next Cycle Begins (Same as 0)
The write cycle is initiated by the falling edge of E which latches the address information into the on
chip registers. The write portion of the cycle is defined as both E and W being low simultaneously.
W may go low anytime during the cycle provided that the write enable pulse setup time (TWLEH) is
met. The write portion of the cycle is terminated by the first rising edge of either E or W. Data setup
and hold times must be referenced to the terminating signal.
If a series of consecutive write cycles are to be performed, the W line may remain low until all desired
locations have been written. When this method is used, data setup and hold times must be referenced
to the rising edge of E. By positioning the W pulse at different times within the E low time (TELEH),
various types of write cycles may be performed.
If the E low time (TELEH) is greater than the W pulse (TWLWH) plus an output enable time (TELQX),
a combination read write cycle is executed. Data may be modified an indefinite number of times dur-
ing any write cycle (TELEH). The data input and data output pins may be tied together for use with
a common I/O data bus structure. When using the RAM in this method allow a minimum of one output
disable time (TWLQZ) after W goes low before applying input data to the bus. This will insure that
the output buffers are not active.


Similar Part No. - NTE6508

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6507 NTE-NTE6507 Datasheet
35Kb / 4P
   Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
More results

Similar Description - NTE6508

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2102 NTE-NTE2102 Datasheet
28Kb / 3P
   Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
NTE Electronics
NTE2114 NTE-NTE2114 Datasheet
29Kb / 4P
   Integrated Circuit MOS, Static 4K RAM, 300ns
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com