Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE6508 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE6508
Description  Integrated Circuit CMOS, 1K Static RAM (SRAM)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6508 Datasheet(HTML) 1 Page - NTE Electronics

  NTE6508 Datasheet HTML 1Page - NTE Electronics NTE6508 Datasheet HTML 2Page - NTE Electronics NTE6508 Datasheet HTML 3Page - NTE Electronics NTE6508 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE6508
Integrated Circuit
CMOS, 1K Static RAM (SRAM)
Description:
The NTE6508 is a 1024 x 1 fully static CMOS RAM in a 16–Lead DIP type package fabricated using
self–aligned silicon gate technology. Synchronous circuit design techniques are employed to acheive
high performance and low power operation. On chip latches are provided for address allowing effeci-
ent interfacing with microprocessor systems. The data output buffers can be forced to a high imped-
ance state for use in expanded memory arrays.
Features:
D Low Power Standby: 50µW Max
D Low Power Operation: 20mW/MHz Max
D Fast Access Time: 300ns Max
D Data Retention: 2V Min
D TTL Compatible Input/Output
D High Output Drive: 2 TTL Loads
D On–Chip Address Register
Absolute Maximum Ratings: (Note 1)
Supply Voltage
+7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input, Output or I/O Voltage
GND –0.3V to VCC +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Derating Factor
1.5mA/MHz increase in ICC(OP)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Count
1925 Gates
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
+175
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10s max)
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress only rating and operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not im-
plied. This device is sensitive to electrostatic discharge, users should follow proper IC han-
dling procedures.
Recommended Operating Conditions:
Operating Voltage Range
+4.5V to +5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE6508

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6507 NTE-NTE6507 Datasheet
35Kb / 4P
   Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
More results

Similar Description - NTE6508

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2102 NTE-NTE2102 Datasheet
28Kb / 3P
   Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
NTE Electronics
NTE2114 NTE-NTE2114 Datasheet
29Kb / 4P
   Integrated Circuit MOS, Static 4K RAM, 300ns
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com