Electronic Components Datasheet Search |
|
B39440-X6965-M100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
B39440-X6965-M100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 6 page 3 May 08, 2001 SAW Components X 6965 M 44,00 MHz Bandpass Filter Data Sheet Characteristics Reference temperature: TA = 25 (45) ˚C Terminating source impedance: ZS = 50 Ω Terminating load impedance: ZL = 2 kΩ || 3 pF min. typ. max. Center frequency fC — 44,00 — MHz (center between 3 dB points) Insertion attenuation α Reference level for the 44,06 (44,00) MHz 12,9 14,4 15,9 dB following data Pass bandwith α rel ≤3dB B3dB — 6,0 — MHz α rel ≤30 dB B30dB — 7,6 — MHz Amplitude ripple ∆α Aperture: 250 kHz 41,53 ... 46,59 MHz — 0,4 0,8 dB Relative attenuation α rel 41,53 (41,47) MHz — 0,4 — dB 46,59 (46,53) MHz — 0,4 — dB 41,06 (41,00) MHz 1,8 3,0 4,2 dB 47,06 (47,00) MHz 1,5 2,7 3,9 dB 47,31 (47,25) MHz — 6,2 — dB 39,81 (39,75) MHz 40,0 52,0 — dB Lower sidelobe 35,06 ... 39,46 (35,00 ... 39,40) MHz 44,0 50,0 — dB 39,46 ... 40,06 (39,40 ... 40,00) MHz 38,0 44,0 — dB Upper sidelobe 48,06 ... 50,06 (48,00 ... 50,00) MHz 36,0 43,0 — dB 50,06 ... 55,06 (50,00 ... 55,00) MHz 42,0 48,0 — dB Reflected wave signal suppression 1,3 µs ... 6,0 µs after main pulse 42,0 52,0 — dB (test pulse 250 ns, carrier frequency 44,06 MHz) Feedthrough signal suppression 1,3 µs ... 1,2 µs before main pulse 50,0 56,0 — dB (test pulse 250 ns, carrier frequency 44,06 MHz) Group delay ripple (p-p) ∆τ Aperture 250 kHz 41,53 ... 46,59 MHz — 20 40 ns Impedance at 44,06 MHz Input: ZIN = RIN || CIN — 1,3 ||16,1 — k Ω || pF Output: ZOUT = ROUT || COUT — 1,1 || 5,6 —k Ω || pF Temperature coefficient of frequency TCf — –72 — ppm/K |
Similar Part No. - B39440-X6965-M100 |
|
Similar Description - B39440-X6965-M100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |