Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F200V8I Datasheet(PDF) 3 Page - Xicor Inc.

Part # X76F200V8I
Description  Secure SerialFlash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F200V8I Datasheet(HTML) 3 Page - Xicor Inc.

  X76F200V8I Datasheet HTML 1Page - Xicor Inc. X76F200V8I Datasheet HTML 2Page - Xicor Inc. X76F200V8I Datasheet HTML 3Page - Xicor Inc. X76F200V8I Datasheet HTML 4Page - Xicor Inc. X76F200V8I Datasheet HTML 5Page - Xicor Inc. X76F200V8I Datasheet HTML 6Page - Xicor Inc. X76F200V8I Datasheet HTML 7Page - Xicor Inc. X76F200V8I Datasheet HTML 8Page - Xicor Inc. X76F200V8I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
X76F200
3
Figure 1. X76F200 Device Operation
Retry Counter
The X76F200 contains a retry counter. The retry counter
allows 8 accesses with an invalid password before any
action is taken. The counter will increment with any
combination of incorrect passwords. If the retry counter
overflows, the memory area and both of the passwords
are cleared to "0". If a correct password is received prior
to retry counter overflow, the retry counter is reset and
access is granted.
Device Protocol
The X76F200 supports a bidirectional bus oriented
protocol. The protocol defines any device that sends data
onto the bus as a transmitter and the receiving device as
a receiver. The device controlling the transfer is a master
and the device being controlled is the slave. The master
will always initiate data transfers and provide the clock for
both transmit and receive operations. Therefore, the
X76F200 will be considered a slave in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during SCL
LOW. SDA changes during SCL HIGH are reserved for
indicating start and stop conditions. Refer to Figure 2 and
Figure 3.
Start Condition
All commands are preceeded by the start condition,
which is a HIGH to LOW transition of SDA when SCL is
HIGH. The X76F200 continuously monitors the SDA and
SCL lines for the start condition and will not respond to
any command until this condition is met.
A start may be issued to terminate the input of a control
byte or the input data to be written. This will reset the
device and leave it ready to begin a new read or write
command. Because of the push/pull output, a start
cannot be generated while the part is outputting data.
Starts are inhibited while a write is in progress.
Stop Condition
All communications must be terminated by a stop
condition. The stop condition is a LOW to HIGH transition
of SDA when SCL is HIGH. The stop condition is also
used to reset the device during a command or data input
sequence and will leave the device in the standby power
mode. As with starts, stops are inhibited when outputting
data and while a write is in progress.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either
master or slave, will release the bus after transmitting
eight bits. During the ninth clock cycle the receiver will
pull the SDA line LOW to acknowledge that it received
the eight bits of data.
The X76F200 will respond with an acknowledge after
recognition of a start condition and its slave address. If
both the device and a write condition have been
selected, the X76F200 will respond with an acknowledge
after the receipt of each subsequent eight-bit word.
LOAD COMMAND/ADDRESS BYTE
LOAD 8-BYTE
PASSWORD
VERIFY PASSWORD
ACCEPTANCE BY
USE OF ACK POLLING
READ/WRITE
DATA
BYTES


Similar Part No. - X76F200V8I

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F200V8I ICMIC-X76F200V8I Datasheet
389Kb / 16P
   Secure Serial Flash
X76F200V8I-2.0 ICMIC-X76F200V8I-2.0 Datasheet
389Kb / 16P
   Secure Serial Flash
X76F200V8IG ICMIC-X76F200V8IG Datasheet
389Kb / 16P
   Secure Serial Flash
X76F200V8IG-2.0 ICMIC-X76F200V8IG-2.0 Datasheet
389Kb / 16P
   Secure Serial Flash
More results

Similar Description - X76F200V8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com