Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23105-A5002-201 Datasheet(PDF) 6 Page - Tyco Electronics

Part # V23105-A5002-201
Description  The Best Relaytion
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23105-A5002-201 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button V23105-A5002-201 Datasheet HTML 2Page - Tyco Electronics V23105-A5002-201 Datasheet HTML 3Page - Tyco Electronics V23105-A5002-201 Datasheet HTML 4Page - Tyco Electronics V23105-A5002-201 Datasheet HTML 5Page - Tyco Electronics V23105-A5002-201 Datasheet HTML 6Page - Tyco Electronics V23105-A5002-201 Datasheet HTML 7Page - Tyco Electronics V23105-A5002-201 Datasheet HTML 8Page - Tyco Electronics V23105-A5002-201 Datasheet HTML 9Page - Tyco Electronics V23105-A5002-201 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Coil number
08 = 3 V nominal voltage (only with 150/200 mW nominal coil power consumption*)
01 = 5 V nominal voltage
02 = 6 V
06 = 9 V
04 = 10 V (only with 500 mW nominal coil power consumption)
03 = 12 V
05 = 24 V
07 = 48 V (not with 150 mW nominal coil power consumption)
V 2 3 1 0 5
Ordering Code
D2n Relay Identification
Version
0 = 150 mW nominal power consumption
3 = 200 mW
4 = 400 mW
5 = 550 mW
Contact assembly
A201 = 2 changeover contacts; silver nickel, gold-plated, against silver nickel, gold-plated
Ordering example: V23105-A5301-A201
D2 Relay, coil 5 V nominal voltage, 200 mW nominal power consumption,
Contact material silver nickel, gold-plated, against silver nickel, gold plated
A 5
A 2 0 1
BT 47 versions
475 = 5 V nominal voltage
479 = 10 V
476 = 12 V
477 = 24 V
478 = 48 V
*) Coils with 400/500 mW nominal power consumption on request
Page 6 (11)
108-98007 Rev. C
D2n Relay
V23105


Similar Part No. - V23105-A5002-201

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23105 TEC-V23105 Datasheet
1Mb / 8P
   Communications/Signal PC Board Relays
04-2011, Rev. 0411
logo
Tyco Electronics
V23105A5001A201 MACOM-V23105A5001A201 Datasheet
888Kb / 3P
   D2n Relay V23105
logo
TE Connectivity Ltd
V23105A5001A201 TEC-V23105A5001A201 Datasheet
1Mb / 8P
   Communications/Signal PC Board Relays
04-2011, Rev. 0411
logo
Tyco Electronics
V23105A5002A201 MACOM-V23105A5002A201 Datasheet
888Kb / 3P
   D2n Relay V23105
logo
TE Connectivity Ltd
V23105A5002A201 TEC-V23105A5002A201 Datasheet
1Mb / 8P
   Communications/Signal PC Board Relays
04-2011, Rev. 0411
More results

Similar Description - V23105-A5002-201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
logo
STMicroelectronics
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com