Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F641WE Datasheet(PDF) 11 Page - Xicor Inc.

Part # X76F641WE
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F641WE Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X76F641WE Datasheet HTML 7Page - Xicor Inc. X76F641WE Datasheet HTML 8Page - Xicor Inc. X76F641WE Datasheet HTML 9Page - Xicor Inc. X76F641WE Datasheet HTML 10Page - Xicor Inc. X76F641WE Datasheet HTML 11Page - Xicor Inc. X76F641WE Datasheet HTML 12Page - Xicor Inc. X76F641WE Datasheet HTML 13Page - Xicor Inc. X76F641WE Datasheet HTML 14Page - Xicor Inc. X76F641WE Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X76F641
11
EQUIVALENT A.C. LOAD CIRCUIT
A.C. TEST CONDITIONS
7002 FM T09
3V
1.3K
OUTPUT
100pF
5V
1533
OUTPUT
100pF
7025 FM 17
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x 0.5
Output Load
100pF
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
7002 FM T07
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
7002 FM T08
NOTES: (1)
Must perform a stop command after a read command prior to measurement
(2)
VIL min. and VIH max. are for reference only and are not tested.
(3)
This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Max.
ICC1
VCC Supply Current
(Read)
1
mA
fSCL = VCC x 0.1/VCC x 0.9 Levels @ 400 KHz,
SDA = Open
RST = VSS
ICC2
(3)
VCC Supply Current
(Write)
3
mA
fSCL = VCC x 0.1/VCC x 0.9 Levels @ 400 KHz,
SDA = Open
RST = VSS
ISB1
(1)
VCC Supply Current
(Standby)
50
µA
VIL = VCC x 0.1, VIH = VCC x 0.9
fSCL = 400 KHz, fSDA = 400 KHz
ISB2
(1)
VCC Supply Current
(Standby)
1
µA
VSDA = VSCC = VCC
Other = GND or VCC–0.3V
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VIL1
(2)
Input LOW Voltage
–0.5
VCC x 0.3
V
VCC = 5.5V
VIH1
(2)
Input HIGH Voltage
VCC x 0.7 VCC + 0.5
V
VCC = 5.5V
VIL2
(2)
Input LOW Voltage
–0.5
VCC x 0.1
V
VCC = 2.0V
VIH2
(2)
Input HIGH Voltage
VCC x 0.9 VCC + 0.5
V
VCC = 2.0V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA
Symbol
Test
Max.
Units
Conditions
COUT
(3)
Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
(3)
Input Capacitance (RST, SCL)
6
pF
VIN = 0V


Similar Part No. - X76F641WE

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F641WE ICMIC-X76F641WE Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641WE-2.0 ICMIC-X76F641WE-2.0 Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641WEG ICMIC-X76F641WEG Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641WEG-2.0 ICMIC-X76F641WEG-2.0 Datasheet
153Kb / 17P
   Secure Serial Flash
More results

Similar Description - X76F641WE

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com