Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD44L60 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRD44L60
Description  CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD44L60 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRD44L60 Datasheet HTML 6Page - Exar Corporation XRD44L60 Datasheet HTML 7Page - Exar Corporation XRD44L60 Datasheet HTML 8Page - Exar Corporation XRD44L60 Datasheet HTML 9Page - Exar Corporation XRD44L60 Datasheet HTML 10Page - Exar Corporation XRD44L60 Datasheet HTML 11Page - Exar Corporation XRD44L60 Datasheet HTML 12Page - Exar Corporation XRD44L60 Datasheet HTML 13Page - Exar Corporation XRD44L60 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
;5';5'/

#0; 
)LJXUH  &RQYHUVLRQ 7LPLQJ 'LDJUDP &/.B32/ +LJK
1
'%>@
RXWSXW
6+3
6+'
&&'
6LJQDO
3L[HO
1
73:
73,;
73:
567&&'
7'/
%ODFN
/HYHO
9LGHR
/HYHO
1
7%.
79'
7567
7567
(YHQW
$FWLRQ
567&&'
'LVFRQQHFW &'6 ,QSXWV IURP 5HVHW 1RLVH
567&&'
&RQQHFW &'6 ,QSXWV DQG 7UDFN %ODFN /HYHO
6+3
+ROG %ODFN /HYHO DQG 7UDFN 9LGHR /HYHO
6+'
+ROG 9LGHR /HYHO
6+36+'
1R $FWLRQ
7DEOH  7LPLQJ (YHQW 'HVFULSWLRQ
7DEOH 9DOLG IRU &/.B32/ +LJK
)LJXUH  &'6 7LPLQJ ZLWK &/.B32/ /RZ
&&'
6+3
&/$03
6+'
567&&'
6LJQDO 3L[HOV
%ODFN 3L[HOV
6LJQDO 3L[HOV


Similar Part No. - XRD44L60

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD44L60A EXAR-XRD44L60A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD44L60ADIV EXAR-XRD44L60ADIV Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
More results

Similar Description - XRD44L60

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L62 EXAR-XRD98L62 Datasheet
276Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
Renesas Technology Corp
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
   CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
   CDS/PGA & 10-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com