Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YND5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # YND5
Description  YND5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YND5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  YND5 Datasheet HTML 1Page - List of Unclassifed Manufacturers YND5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.yihongtai.com
! Output Voltage
5V
12V
15V
24V
! Output Mode
S
Single
D
Dual
! Input Voltage
6V
12V
24V
48V
! Output Power
5W
Series
YND
YND 5 - 48 S 05
!"#
5
! Input
Min
Nom
Max
Notes
! Vdc
4.5
6
9
Input Voltage
91 2
1 8
18
24
36
36
48
72
! Output
!"#
1%
Vo1
Setpoint Accuracy
3%
Vo2
0.2 %
Line Regulation
!
0.5 %
Load Regulation
!
3%Vo Pk deviation
Dynamic Response
200
S settling time
!"
50mVp-p
Vo
5Vdc
Ripple and Noise
100mVp-p
Other
!
0.02%/
Temperature coefficient
! General
!
500Vdc
Input-Output
Isolation Voltage
Input-Case
Output-Case
!
300KHZ
Switching Frequency
82%
typ
Efficiency
MTBF
10
105h
Bellcore TR332
25
!
-25
+85
Case Temperature
-43
+105
Military
!
-40
+125
Storage Temperature
!
10%
90%
Relative Humidity
5
!" 5 Watts of Output Power
!" 2:1 Wide Input
!" Isolated Output
!"#$
Short Circuit Protection,Automatic Recovery
!" Mini Package
50~75% load 50~25% load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com