Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFX1200B-3F900C Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # LFX1200B-3F900C
Description  The ispXPGA architecture
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX1200B-3F900C Datasheet(HTML) 1 Page - Lattice Semiconductor

  LFX1200B-3F900C Datasheet HTML 1Page - Lattice Semiconductor LFX1200B-3F900C Datasheet HTML 2Page - Lattice Semiconductor LFX1200B-3F900C Datasheet HTML 3Page - Lattice Semiconductor LFX1200B-3F900C Datasheet HTML 4Page - Lattice Semiconductor LFX1200B-3F900C Datasheet HTML 5Page - Lattice Semiconductor LFX1200B-3F900C Datasheet HTML 6Page - Lattice Semiconductor LFX1200B-3F900C Datasheet HTML 7Page - Lattice Semiconductor LFX1200B-3F900C Datasheet HTML 8Page - Lattice Semiconductor LFX1200B-3F900C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
www.latticesemi.com
1
xpga_04
ispXPGA Family
March 2003
Preliminary Data Sheet
TM
© 2003 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
■ Non-volatile, Infinitely Reconfigurable
• Instant-on - Powers up in microseconds via
on-chip E2CMOS® based memory
• No external configuration memory
• Excellent design security, no bit stream to intercept
• Reconfigure SRAM based logic in milliseconds
■ High Logic Density for System-level
Integration
• 139K to 1.25M system gates
• 160 to 496 I/O
• 1.8V, 2.5V, and 3.3V VCC operation
• Up to 414Kb sysMEM™ embedded memory
■ High Performance Programmable Function
Unit (PFU)
•Four LUT-4 per PFU supports wide and narrow
functions
• Dual flip-flops per LUT-4 for extensive pipelining
• Dedicated logic for adders, multipliers, multiplex-
ers, and counters
■ Variable-Length Interconnect Routing
Technology
• Optimum speed, power, and flexibility for logic
interconnections
■ Flexible Memory Resources
• Multiple sysMEM Embedded RAM Blocks
– Single port, Dual port, and FIFO operation
• 64-bit distributed memory in each PFU
– Single port, Double port, FIFO, and Shift
Register operation
■ Eight sysCLOCK™ Phase Locked Loops
(PLLs) for Clock Management
•True PLL technology
• 10MHz to 320MHz operation
• Clock multiplication and division
• Phase adjustment
• Shift clocks in 250ps steps
■ sysIO™ for High System Performance
• High speed memory support through SSTL and
HSTL
• Advanced buses supported through PCI, GTL+,
LVDS, BLVDS, and LVPECL
• Standard logic supported through LVTTL,
LVCMOS 3.3, 2.5, and 1.8
• Programmable drive strength for series termination
• Programmable bus maintenance
■ sysHSI™ Capability for Ultra Fast Serial
Communications
• Up to 850Mbps performance
• Up to 20 channels per device
• Built in Clock Data Recovery (CDR) and
Serialization and De-serialization (SERDES)
■ Flexible Programming, Reconfiguration,
and Testing
• IEEE 1532 and 1149.1 compliant
• Microprocessor configuration interface
• Program E2CMOS while operating from SRAM
Table 1. ispXPGA Family Selection Guide
ispXPGA 125
ispXPGA 200
ispXPGA 500
ispXPGA 1200
System Gates
139K
210K
476K
1.25M
PFUs
484
676
1764
3844
LUT-4s
1936
2704
7056
15376
Logic FFs
3.8K
5.4K
14.1K
30.7K
sysMEM Memory
92K
111K
184K
414K
Distributed Memory
30K
43K
112K
246K
EBR
20
24
40
90
sysHSI Channels
4
8
12
20
User I/O
160/176
160/208
336
496
Packaging
256 fpBGA
516 fpBGA1
256 fpBGA
516 fpBGA1
516 fpBGA1
900 fpBGA
680 fpSBGA1
900 fpBGA
1. Thermally enhanced package.
Note: LFX1200B/C is preliminary, LFX125/200/500B/C information is advanced.


Similar Part No. - LFX1200B-3F900C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFX1200B-3F900C LATTICE-LFX1200B-3F900C Datasheet
535Kb / 115P
   ispXPGA Family
More results

Similar Description - LFX1200B-3F900C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPXPGA LATTICE-ISPXPGA Datasheet
535Kb / 115P
   ispXPGA Family
logo
Renesas Technology Corp
RA4M3 RENESAS-RA4M3 Datasheet
1Mb / 92P
   Armv8-M architecture with the main extension
RA6M4 RENESAS-RA6M4 Datasheet
1Mb / 109P
   Armv8-M architecture with the main extension
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
   Advanced RISC Architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com