Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFX125C-4F900C Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # LFX125C-4F900C
Description  The ispXPGA architecture
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX125C-4F900C Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button LFX125C-4F900C Datasheet HTML 3Page - Lattice Semiconductor LFX125C-4F900C Datasheet HTML 4Page - Lattice Semiconductor LFX125C-4F900C Datasheet HTML 5Page - Lattice Semiconductor LFX125C-4F900C Datasheet HTML 6Page - Lattice Semiconductor LFX125C-4F900C Datasheet HTML 7Page - Lattice Semiconductor LFX125C-4F900C Datasheet HTML 8Page - Lattice Semiconductor LFX125C-4F900C Datasheet HTML 9Page - Lattice Semiconductor LFX125C-4F900C Datasheet HTML 10Page - Lattice Semiconductor LFX125C-4F900C Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
7
Figure 4. LUT in Shift Register Mode
Carry Chain Generator
The Carry Chain Generator is useful for implementing high-speed arithmetic functions. The CCG consists of a two-
input XOR gate whose carryout can be cascaded with the input of the adjacent CCG. As shown in Figure 5, the
carryin signal feeds CLE3 of the PFU and is propagated through CLE2 and CLE1 before reaching CLE0. The sum
output of the CCG can be fed to the CSE through the WLG. The carryout must propagate to CLE0 for use outside
the PFU. The carryout from the PFU can feed the W0 input of CSE0. The CCG also helps to effectively implement
wider functions by using its logic elements to expand the capabilities of the LUT-4.
Figure 5. Carry Chain Generator
Wide Logic Generator
The WLG contains the logic necessary to implement wide gate functions. This is made up of a set of multiplexers
that are located between the CLE and the CSE. The WLG helps in enhancing the wide gating capability of the PFU.
The outputs of each CLE can be cascaded in the WLG to build wide gating functions. Wide multiplexing functions
are also possible with a similar use of the WLG. Figure 6 illustrates the WLG.
LUT-4
PFUCLK0
SHIFTOUT (4A)
SEL (SHIFTIN)
CEB0
A
B
CIN
COUT
SUM
CLE3
CLE1
CLE2
CLE0
SUM3
COUT(r,c)
COUT to
CSE0
CIN from
Routing
COUT(r+1,c)
SUM2
SUM1
SUM0


Similar Part No. - LFX125C-4F900C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFX125C-4F900C LATTICE-LFX125C-4F900C Datasheet
535Kb / 115P
   ispXPGA Family
More results

Similar Description - LFX125C-4F900C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPXPGA LATTICE-ISPXPGA Datasheet
535Kb / 115P
   ispXPGA Family
logo
Renesas Technology Corp
RA4M3 RENESAS-RA4M3 Datasheet
1Mb / 92P
   Armv8-M architecture with the main extension
RA6M4 RENESAS-RA6M4 Datasheet
1Mb / 109P
   Armv8-M architecture with the main extension
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
   Advanced RISC Architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com