Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F200BV-T60 Datasheet(PDF) 1 Page - Intel Corporation

Part # TE28F200BV-T60
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F200BV-T60 Datasheet(HTML) 1 Page - Intel Corporation

  TE28F200BV-T60 Datasheet HTML 1Page - Intel Corporation TE28F200BV-T60 Datasheet HTML 2Page - Intel Corporation TE28F200BV-T60 Datasheet HTML 3Page - Intel Corporation TE28F200BV-T60 Datasheet HTML 4Page - Intel Corporation TE28F200BV-T60 Datasheet HTML 5Page - Intel Corporation TE28F200BV-T60 Datasheet HTML 6Page - Intel Corporation TE28F200BV-T60 Datasheet HTML 7Page - Intel Corporation TE28F200BV-T60 Datasheet HTML 8Page - Intel Corporation TE28F200BV-T60 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
E
SEE NEW DESIGN RECOMMENDATIONS
December 1997
Order Number: 290531-005
n Intel SmartVoltage Technology
5 V or 12 V Program/Erase
3.3 V or 5 V Read Operation
n Very High-Performance Read
5 V: 60 ns Access Time
3 V: 110 ns Access Time
n Low Power Consumption
Max 60 mA Read Current at 5 V
Max 30 mA Read Current at
3.3 V–3.6 V
n x8/x16-Selectable Input/Output Bus
28F200 for High Performance 16- or
32-bit CPUs
n x8-Only Input/Output Architecture
28F002B for Space-Constrained
8-bit Applications
n Optimized Array Blocking Architecture
One 16-KB Protected Boot Block
Two 8-KB Parameter Blocks
96-KB and 128-KB Main Blocks
Top or Bottom Boot Locations
n Extended Temperature Operation
–40 °C to +85 °C
n Extended Block Erase Cycling
100,000 Cycles at Commercial Temp
10,000 Cycles at Extended Temp
n Automated Word/Byte Program and
Block Erase
Command User Interface
Status Registers
Erase Suspend Capability
n SRAM-Compatible Write Interface
n Automatic Power Savings Feature
n Reset/Deep Power-Down Input
0.2 µA ICCTypical
Provides Reset for Boot Operations
n Hardware Data Protection Feature
Absolute Hardware-Protection for
Boot Block
Write Lockout during Power
Transitions
n Industry-Standard Surface Mount
Packaging
40-, 48-, 56-Lead TSOP
44-Lead PSOP
n Footprint Upgradeable to 4-Mbit and
8-Mbit Boot Block Flash Memories
n ETOX™ IV Flash Technology
New Design Recommendations:
For new 2.7 V–3.6 V VCC designs with this device, Intel recommends using the Smart 3 Advanced Boot
Block. Reference
Smart 3 Advanced Boot Block 4-Mbit, 8-Mbit, 16-Mbit Flash Memory Family datasheet,
order number 290580.
For new 5 V VCC designs with this device, Intel recommends using the 2-Mbit Smart 5 Boot Block. Reference
Smart 5 Flash Memory Family 2, 4, 8 Mbit datasheet, order number 290599.
These documents are also available at Intel’s website, http://www.intel.com/design/flcomp.
REFERENCE ONLY
2-MBIT SmartVoltage BOOT BLOCK
FLASH MEMORY FAMILY
28F200BV-T/B, 28F200CV-T/B, 28F002BV-T/B


Similar Part No. - TE28F200BV-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F200BVB80 INTEL-TE28F200BVB80 Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F200BVT80 INTEL-TE28F200BVT80 Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - TE28F200BV-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com