Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16834ADGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AVC16834ADGG
Description  18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16834ADGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AVC16834ADGG Datasheet HTML 3Page - NXP Semiconductors 74AVC16834ADGG Datasheet HTML 4Page - NXP Semiconductors 74AVC16834ADGG Datasheet HTML 5Page - NXP Semiconductors 74AVC16834ADGG Datasheet HTML 6Page - NXP Semiconductors 74AVC16834ADGG Datasheet HTML 7Page - NXP Semiconductors 74AVC16834ADGG Datasheet HTML 8Page - NXP Semiconductors 74AVC16834ADGG Datasheet HTML 9Page - NXP Semiconductors 74AVC16834ADGG Datasheet HTML 10Page - NXP Semiconductors 74AVC16834ADGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product data
74AVC16834A
18-bit registered driver with inverted register enable
and Dynamic Controlled Outputs
™ (3-State)
2002 Sep 11
7
AC CHARACTERISTICS
GND = 0 V; tr = tf ≤ 2.0 ns; CL = 30 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3 V
VCC = 2.5 ± 0.2 V
VCC = 1.8 ± 0.15 V
VCC =
1.5
± 0.1 V
VCC =
1.5 V
VCC =
1.2 V
UNIT
MIN
TYP1
MAX
MIN
TYP1
MAX
MIN
TYP1
MAX
MIN
MAX
TYP
TYP
Propagation
delay
An to Yn
1, 7
0.9
0.7
1.7
2.6
2.5
1.0
0.8
2.0
3.2
3.0
1.5
1.0
2.8
2.6
4.9
4.5
2.0
5.8
3.6
5.9
5.2
tPHL/tPLH
Propagation
delay
LE to Yn
2, 7
1.2
0.7
2.0
1.9
3.0
2.9
1.5
0.8
2.4
2.3
3.7
3.5
1.8
1.0
3.4
2.9
5.3
2.3
6.5
4.0
6.5
5.8
ns
Propagation
delay
CP to Yn
3, 7
0.8
0.7
1.7
2.5
1.1
0.8
2.0
3.0
1.6
1.0
2.8
2.6
4.4
4.5
2.0
5.1
3.7
4.9
5.2
tPZH/tPZL
3-State output
enable time
OE to Yn
6, 7
1.3
1.0
2.5
2.3
4.3
4.0
1.6
1.0
2.8
2.5
4.8
4.5
2.2
1.5
4.0
3.0
6.7
6.5
2.8
8.2
5.0
8.0
5.5
ns
tPHZ/tPLZ
3-State output
disable time
OE to Yn
6, 7
1.5
1.0
3.0
2.3
4.7
3.5
1.5
1.0
3.4
2.2
5.6
4.0
2.4
1.5
4.6
3.5
7.2
6.5
2.1
6.9
4.5
6.5
5.5
ns
t
CP pulse width
HIGH or LOW
3, 7
1.0
1.2
2.0
ns
tW
LE pulse width
HIGH
2, 7
1.0
1.2
2.0
ns
tS
Set-up time
An to CP
5, 7
0.3
–0.5
0.1
–0.2
0
–0.2
0.2
0
0
ns
tSU
Set-up time
An to LE
4, 7
0.5
0.1
0.6
0.1
1.0
0.5
1.5
0.8
1.5
ns
t
Hold time
An to CP
5, 7
0.9
0.6
0.7
0.3
0.7
0.3
0.6
0.3
0.1
ns
th
Hold time
An to LE
4, 7
0.6
0.4
0.2
0.1
0.1
0
0.1
0
–0.7
ns
fmax
Maximum clock
pulse frequency
3, 7
500
400
250
MHz
NOTE:
1. All typical values are measured at Tamb = 25 °C and at VCC = 1.8 V, 2.5 V, 3.3 V.


Similar Part No. - 74AVC16834ADGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16834ADGG NEXPERIA-74AVC16834ADGG Datasheet
234Kb / 14P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
More results

Similar Description - 74AVC16834ADGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16834A NEXPERIA-74AVC16834A Datasheet
234Kb / 14P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
74AVC16334A NEXPERIA-74AVC16334A Datasheet
227Kb / 14P
   16-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74AVC16836A PHILIPS-74AVC16836A Datasheet
122Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Aug 02
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
logo
NXP Semiconductors
74AVC16836A_5 PHILIPS-74AVC16836A_5_15 Datasheet
127Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
74AVC16334A PHILIPS-74AVC16334A Datasheet
108Kb / 10P
   16-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2000 Aug 03
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com