Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT3G07 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT3G07
Description  Buffer with open-drain outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT3G07 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT3G07 Datasheet HTML 4Page - NXP Semiconductors 74HCT3G07 Datasheet HTML 5Page - NXP Semiconductors 74HCT3G07 Datasheet HTML 6Page - NXP Semiconductors 74HCT3G07 Datasheet HTML 7Page - NXP Semiconductors 74HCT3G07 Datasheet HTML 8Page - NXP Semiconductors 74HCT3G07 Datasheet HTML 9Page - NXP Semiconductors 74HCT3G07 Datasheet HTML 10Page - NXP Semiconductors 74HCT3G07 Datasheet HTML 11Page - NXP Semiconductors 74HCT3G07 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2003 Oct 15
8
Philips Semiconductors
Product specification
Buffer with open-drain outputs
74HC3G07; 74HCT3G07
AC CHARACTERISTICS
Type 74HC3G07
GND = 0 V; tr =tf ≤ 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPZL
propagation delay
nA to nY
see Figs 5 and 6 2.0
25
95
ns
4.5
919
ns
6.0
716
ns
tPLZ
propagation delay
nA to nY
see Figs 5 and 6 2.0
25
95
ns
4.5
11
23
ns
6.0
10
23
ns
tTHL
output transition
time
see Figs 5 and 6 2.0
18
95
ns
4.5
619
ns
6.0
516
ns
Tamb = −40 to +125 °C
tPZL
propagation delay
nA to nY
see Figs 5 and 6 2.0
−−
125
ns
4.5
−−
25
ns
6.0
−−
20
ns
tPLZ
propagation delay
nA to nY
see Figs 5 and 6 2.0
−−
125
ns
4.5
−−
30
ns
6.0
−−
26
ns
tTHL
output transition
time
see Figs 5 and 6 2.0
−−
125
ns
4.5
−−
25
ns
6.0
−−
20
ns


Similar Part No. - 74HCT3G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G07 NXP-74HCT3G07 Datasheet
91Kb / 13P
   Triple buffer with open-drain outputs
Rev. 02-12 May 2009
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
74HCT3G07-Q100 NEXPERIA-74HCT3G07-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
logo
NXP Semiconductors
74HCT3G07DC NXP-74HCT3G07DC Datasheet
91Kb / 13P
   Triple buffer with open-drain outputs
Rev. 02-12 May 2009
logo
Nexperia B.V. All right...
74HCT3G07DC NEXPERIA-74HCT3G07DC Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
More results

Similar Description - 74HCT3G07

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL27WZ07 ONSEMI-NL27WZ07 Datasheet
60Kb / 6P
   Dual Buffer with Open Drain Outputs
April, 2004 ??Rev. 7
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
   Hex buffer with open-drain outputs
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
logo
NXP Semiconductors
74HC3G07 NXP-74HC3G07 Datasheet
91Kb / 13P
   Triple buffer with open-drain outputs
Rev. 02-12 May 2009
74LVC07A PHILIPS-74LVC07A Datasheet
71Kb / 16P
   Hex buffer with open-drain outputs
2000 Mar 07
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com