Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8259 Datasheet(PDF) 5 Page - Altera Corporation

Part # A8259
Description  PROGRAMMABLE INTERRUPT CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

A8259 Datasheet(HTML) 5 Page - Altera Corporation

  A8259 Datasheet HTML 1Page - Altera Corporation A8259 Datasheet HTML 2Page - Altera Corporation A8259 Datasheet HTML 3Page - Altera Corporation A8259 Datasheet HTML 4Page - Altera Corporation A8259 Datasheet HTML 5Page - Altera Corporation A8259 Datasheet HTML 6Page - Altera Corporation A8259 Datasheet HTML 7Page - Altera Corporation A8259 Datasheet HTML 8Page - Altera Corporation A8259 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Altera Corporation
61
a8259 Programmable Interrupt Controller Data Sheet
Figure 3. a8259 Initialization Sequence Flow Diagram
Figures 4 and 5 show typical write and read cycles, respectively. The ncs,
nwr
, and nrd signals enable data to be written to and read from the
a8259
. This data is clocked by the rising edge of clk. The ncs and nwr
signals must be held low for an entire clock cycle in order to read or write
valid data.
Figure 4. Typical Write Cycle
X indicates “don’t care.” DV indicates “data valid.”
ICW 1
ICW 2
ICW 3
ICW 4
Ready to
accept
interrupts
Is SINGLE
low?
Note (1)
Is
IC4
high?
Note (1)
Yes
Yes
No
No
Note:
(1) For more information on SINGLE and IC4, see Table 3 on page 62.
X
X
DV
clk
nwr
ncs
din[7..0]


Similar Part No. - A8259

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
A8255 ALTERA-A8255 Datasheet
250Kb / 13P
   PROGRAMMABLE PERIPHERAL INTERFACE ADAPTER
logo
MicroPower Direct, LLC
A825ERW MPD-A825ERW Datasheet
196Kb / 2P
   Low Cost, 8W DIP Wide Input Range DC/DC Converters
More results

Similar Description - A8259

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP82C59A TOSHIBA-TMP82C59A Datasheet
668Kb / 26P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
OKI electronic componet...
MSM82C59A-2RS OKI-MSM82C59A-2RS Datasheet
186Kb / 28P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intel Corporation
8259A INTEL-8259A Datasheet
325Kb / 24P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP8259AP TOSHIBA-TMP8259AP Datasheet
142Kb / 9P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intersil Corporation
CDP1877 INTERSIL-CDP1877 Datasheet
45Kb / 10P
   Programmable Interrupt Controller (PIC)
March 1997
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
ATMEL Corporation
XMEGAA ATMEL-XMEGAA_09 Datasheet
5Mb / 445P
   Interrupts and Programmable Multi-level Interrupt Controller
logo
Intel Corporation
82093AA INTEL-82093AA Datasheet
178Kb / 20P
   I/O ADVANCED PROGRAMMABLE INTERRUPT CONTROLLER (IOAPIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com