Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTB28F200BV-T80 Datasheet(PDF) 5 Page - Intel Corporation

Part # TTB28F200BV-T80
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TTB28F200BV-T80 Datasheet(HTML) 5 Page - Intel Corporation

  TTB28F200BV-T80 Datasheet HTML 1Page - Intel Corporation TTB28F200BV-T80 Datasheet HTML 2Page - Intel Corporation TTB28F200BV-T80 Datasheet HTML 3Page - Intel Corporation TTB28F200BV-T80 Datasheet HTML 4Page - Intel Corporation TTB28F200BV-T80 Datasheet HTML 5Page - Intel Corporation TTB28F200BV-T80 Datasheet HTML 6Page - Intel Corporation TTB28F200BV-T80 Datasheet HTML 7Page - Intel Corporation TTB28F200BV-T80 Datasheet HTML 8Page - Intel Corporation TTB28F200BV-T80 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
E
2-MBIT SmartVoltage BOOT BLOCK FAMILY
5
SEE NEW DESIGN RECOMMENDATIONS
1.0
PRODUCT FAMILY OVERVIEW
This datasheet contains the specifications for the
two branches of products in the SmartVoltage
2-Mbit boot block flash memory family. These
-BV/CV suffix products offer 3.0 V–3.6 V operation
and also operate at 5 V for high-speed access
times. Throughout this datasheet, the 28F200
refers
to
all
x8/x16
2-Mbit
products,
while
28F002B refers to all x8 2-Mbit boot block
products. Section 1.0 provides an overview of the
flash memory family including applications, pinouts
and pin descriptions.
Sections
2.0
and
3.0
describe the memory organization and operation
for these products. Section 4.0 contains the
family’s operating specifications. Finally, Sections
5.0 and 6.0 provide ordering and document
reference information.
1.1
New Features in the
SmartVoltage Products
The SmartVoltage boot block flash memory family
offers identical operation with the BX/BL 12 V
program products, except for the differences listed
below. All other functions are equivalent to current
products, including signatures, write commands,
and pinouts.
• WP# pin has replaced a DU (Don’t Use) pin.
Connect the WP# pin to control signal or to
VCC or GND (in this case, a logic-level signal
can be placed on DU pin). Refer to Tables 2
and 9 to see how the WP# pin works.
• 5 V program/erase operation has been added.
If switching VPP for write protection, switch to
GND (not 5 V) for complete write protection.
To take advantage of 5 V write-capability,
allow
for
connecting
5
V
to
VPP
and
disconnecting 12 V from VPP line.
• Enhanced
circuits
optimize
low
VCC
performance,
allowing
operation
down
to
VCC = 3.0 V.
If you are using BX/BL 12 V VPP boot block
products today, you should account for the
differences
listed
above
and
also
allow
for
connecting 5 V to VPP and disconnecting 12 V
from VPP line, if 5 V writes are desired.
1.2
Main Features
Intel’s
SmartVoltage
technology
is
the
most
flexible voltage solution in the flash industry,
providing two discrete voltage supply pins: VCC for
read operation, and VPP for program and erase
operation. Discrete supply pins allow system
designers to use the optimal voltage levels for
their design. This product family, specifically the
28F200BV/CV, and 28F002BV provide program/
erase capability at 5 V or 12 V. The 28F200BV/CV
and 28F002BV allow reads with VCC at 3.3 V
±
0.3 V or 5 V. Since many designs read from the
flash memory a large percentage of the time, read
operation using the 3.3 V ranges can provide great
power savings. If read performance is an issue,
however, 5 V VCC provides faster read access
times.
For program and erase operations, 5 V VPP
operation eliminates the need for in system
voltage converters, while 12 V VPP operation
provides faster program and erase for situations
where 12 V is available, such as manufacturing or
designs where 12 V is in-system. For design
simplicity, however, just hook up VCC and VPP to
the same 5 V ± 10% source.
The 28F200/28F002B boot block flash memory
family is a high-performance, 2-Mbit (2,097,152
bit) flash memory family organized as either
256 Kwords of 16 bits each (28F200 only) or
512 Kbytes of 8 bits each (28F200 and 28F002B).
Table 1. SmartVoltage Provides Total Voltage Flexibility
Product
Bus
VCC
VPP
Name
Width
3.3 V
± 0.3 V
5 V
± 5%
5 V
± 10%
5 V
± 10%
12 V
± 5%
28F002BV-T/B
x8
√√√
28F200BV-T/B
x8 or x16
√√√
28F200CV-T/B
x8 or x16
√√√


Similar Part No. - TTB28F200BV-T80

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTB001 TOSHIBA-TTB001 Datasheet
203Kb / 5P
   Silicon PNP Diffused Type
TTB001 TOSHIBA-TTB001 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TTB002 TOSHIBA-TTB002 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TTB1020B TOSHIBA-TTB1020B Datasheet
207Kb / 7P
   Bipolar Transistors Silicon PNP Triple-Diffused Type
2020-01-29 Rev.4.0
TTB1067B TOSHIBA-TTB1067B Datasheet
310Kb / 7P
   Bipolar Transistors Silicon PNP Epitaxial Type (Darlington Transistor)
2016-09-30 Rev.2.0
More results

Similar Description - TTB28F200BV-T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com