Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7463 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7463
Description  dB COOL Remote Thermal Controller and Voltage Monitor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7463 Datasheet(HTML) 5 Page - Analog Devices

  ADT7463 Datasheet HTML 1Page - Analog Devices ADT7463 Datasheet HTML 2Page - Analog Devices ADT7463 Datasheet HTML 3Page - Analog Devices ADT7463 Datasheet HTML 4Page - Analog Devices ADT7463 Datasheet HTML 5Page - Analog Devices ADT7463 Datasheet HTML 6Page - Analog Devices ADT7463 Datasheet HTML 7Page - Analog Devices ADT7463 Datasheet HTML 8Page - Analog Devices ADT7463 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
REV. 0
ADT7463
–5–
PIN FUNCTION DESCRIPTIONS
Pin No. Mnemonic
Description
1
SDA
Digital I/O (Open Drain). SMBus bidirectional serial data. Requires SMBus.
2
SCL
Digital Input (Open Drain). SMBus serial clock input. Requires SMBus pull-up.
3
GND
Ground Pin for the ADT7463.
4
VCC
Power Supply. Can be powered by 3.3 V standby if monitoring in low power states is required. VCC is also
monitored through this pin. The ADT7463 can also be powered from a 5 V supply. Setting Bit 7 of
Configuration Register 1 (Reg. 0x40) rescales the VCC input attenuators to correctly measure a 5 V supply.
5VID0Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register (Reg. 0x43).
6VID1Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register (Reg. 0x43).
7VID2Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register (Reg. 0x43).
8VID3Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read in to the VID register (Reg. 0x43).
9
TACH3
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan3. Can be reconfigured as an analog in-
put (AIN3) to measure the speed of 2-wire fans.
10
PWM2
Digital Output (Open Drain). Requires 10 k
Ω typical pull-up. Pulsewidth modulated output to control FAN 2 speed.
SMBALERT
Digital Output (Open Drain). This pin may be reconfigured as an
SMBALERT interrupt output to signal
out-of-limit conditions.
11
TACH1
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 1. Can be reconfigured as an analog in-
put (AIN1) to measure the speed of 2-wire fans.
12
TACH2
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 2. Can be reconfigured as an analog in-
put (AIN2) to measure the speed of 2-wire fans.
13
PWM3
Digital I/O (Open Drain). Pulsewidth modulated output to control Fan 3/4 speed. Requires 10 k
Ω typical pull-up.
ADDRESS
ENABLE
If pulled low on power-up, this places the ADT7463 into Address Select mode, and the state of Pin 14 will
determine the ADT7463’s slave address.
14
TACH4
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 4. Can be reconfigured as an analog in-
put (AIN4) to measure the speed of 2-wire fans.
ADDRESS
SELECT
If in Address Select mode, this pin determines the SMBus device address.
THERM
Alternatively, the pin may be reconfigured as a bidirectional
THERM pin. Can be used to time and monitor
assertions on the
THERM input. For example, can be connected to the PROCHOT output of Intel’s Pentium 4
processor or to the output of a trip point temperature sensor. Can be used as an output to signal overtemperature
conditions.
15
D2–
Cathode Connection to Second Thermal Diode
16
D2+
Anode Connection to Second Thermal Diode
17
D1–
Cathode Connection to First Thermal Diode
18
D1+
Anode Connection to First Thermal Diode
19
VID4
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register
(Reg. 0x43).
20
+5VIN
Analog Input. Monitors +5 V power supply.
THERM
Alternatively, this pin may be reconfigured as a bidirectional
THERM pin. Can be used to time and monitor assertions
on the
THERM input. For example, can be connected to the PROCHOT output of Intel’s Pentium 4 processor or
to the output of a trip point temperature sensor. Can be used as an output to signal overtemperature conditions.
21
+12VIN
Analog Input. Monitors +12 V power supply.
VID5
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register
(Reg. 0x43). Supports VRM10 solutions.
22
+2.5VIN
Analog Input. Monitors +2.5 V supply, typically a chipset voltage.
SMBALERT
Digital Output (Open Drain). This pin may be reconfigured as an
SMBALERT interrupt output to signal
out-of-limit conditions.
23
VCCP
Analog Input. Monitors processor core voltage (0 V–3 V).
24
PWM1/XTO
Digital Output (Open Drain). Pulsewidth modulated output to control Fan 1 speed. Requires 10 k
Ω typical pull-up.
Also functions as the output from the XOR tree in XOR Test Mode.


Similar Part No. - ADT7463

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7463 ONSEMI-ADT7463 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463 ONSEMI-ADT7463 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7463ARQ ONSEMI-ADT7463ARQ Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQ-REEL ONSEMI-ADT7463ARQ-REEL Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQ-REEL7 ONSEMI-ADT7463ARQ-REEL7 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
More results

Similar Description - ADT7463

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7463 ONSEMI-ADT7463 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
logo
Analog Devices
ADT7460 AD-ADT7460 Datasheet
695Kb / 48P
   dB COOL Remote Thermal Controller and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7476 ONSEMI-ADT7476_16 Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7466 ONSEMI-ADT7466 Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com