Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4801 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APA4801
Description  Stereo 280mW 8 OHM Speaker Driver with Mute
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4801 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APA4801 Datasheet HTML 6Page - Anpec Electronics Coropration APA4801 Datasheet HTML 7Page - Anpec Electronics Coropration APA4801 Datasheet HTML 8Page - Anpec Electronics Coropration APA4801 Datasheet HTML 9Page - Anpec Electronics Coropration APA4801 Datasheet HTML 10Page - Anpec Electronics Coropration APA4801 Datasheet HTML 11Page - Anpec Electronics Coropration APA4801 Datasheet HTML 12Page - Anpec Electronics Coropration APA4801 Datasheet HTML 13Page - Anpec Electronics Coropration APA4801 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Apr., 2001
APA4801
www.anpec.com.tw
10
Input Capacitor, Ci
In the typical application an input capacitor , Ci , is
required to allow the amplifier to bias the input signal
to the proper DC level for optimum operation . In this
case , the external capacitor Ci and the internal re-
sistance Ri form a high-pass filter with the corner fre-
quency determined in the follow equation :
fc (highpass)= 1/ (2
πRiCi)
(1)
The value of Ci is important to consider as it directly
affects the low frequency performance of the circuit .
Consider the APA4801 where Ri is 130k
Ω internal
fixed . Equation is reconfigured as follow :
Ci= 1/(2
π*130kΩ*fc)
(2)
And the ceramic capacitor is recommanded
Bias Capacitor, Cb
As with any power amplifier , proper supply bypass-
ing is critical for low noise performance and high
power supply rejection . The capacitor location on
both the bypass and power supply pins should be as
close to the device as possible . The effect of a larger
half supply bias capacitor is improved PSRR due to
increased half-supply stability . Typical applications
employ a 5V regulator with 10
µF and a 0.1µF bias
capacitors which aid in supply filtering . This does
not eliminate the need for bypassing the supply nodes
of the APA4801 . The selection of bias capacitors ,
especially Cb , is thus dependent upon desired PSRR
requirements , click and pop performance . The ca-
pacitor is fed from a 50k
Ω source inside the amplifier.
To keep the start-up pop as low as possible , the
relationship shown in equation should be maintained.
1/(Cb*50k
Ω)≤ 1/{Ci*Ri}
(3)
As an example , consider a circuit where Cb is
4.
7µF , Ci is 1µF and Ri is 130kΩ . Inserting these
values into the equation we get 4.26
≤ 7.69 which
satisfies the rule . Bias capacitor , Cb , values of
2.2
µF to 10µF ceramic or tantalum low-ESR capaci-
tors are recommended for the best THD and noise
performance.
Output Coupling Capacitor, Cc
In the typical single-supply SE configuration , an out-
put coupling capacitor (Cc) is required to block the
DC bias at the output of the amplifier thus preventing
DC currents in the load . As with the input coupling
capacitor , the output coupling capacitor and imped-
ance of the load form a high-pass filter governed by
equation .
fc(highpass)= 1/(2
πR
LCc)
(4)
For example , a 220
µF capacitor with an 32Ω speaker
would attenuate low frequencies below 22Hz . The
main disadvantage , from a performance standpoint,
is the load impedance is typically small , which drives
the low-frequency corner higher degrading the bass
response . Large values of Cc are required to pass
low frequencies into the load .
Optimizing Depop Circuitry
When the amplifier is in mute mode , both of the out-
put stage and input bypass continues to be biased .
And no pop noise will be heard during the transition
out of mute mode .
Power Supply Decoupling , Cs
APA4801 is a high-performance CMOS audio ampli-
fier that requires adequate power supply decoupling
to ensure the output total harmonic distortion (THD)
is as low as possible . Power supply decoupling also
prevents the oscillations causing by long lead length
between the amplifier and the speaker . The optimum
decoupling is achieved by using two different type
capacitors that target on different type of noise on
the power supply leads . For higher frequency tran-
sients , spikes , or digital hash on the line , a good
low equivalent-series-resistance (ESR) ceramic ca-
pacitor , typically 0.1
µF placed as close as possible
to the device V
DD
lead works best . For filtering lower-
frequency noise signals , a large aluminum electro-
lytic capacitor of 10
µF or greater placed near the audio
power amplifier is recommended .
Application Note


Similar Part No. - APA4801

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4800 ANPEC-APA4800 Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TR ANPEC-APA4800JI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TU ANPEC-APA4800JI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TR ANPEC-APA4800KI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TU ANPEC-APA4800KI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
More results

Similar Description - APA4801

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4880 ANPEC-APA4880 Datasheet
154Kb / 16P
   STEREO 330 MW 8 OHM SPEAK DRIVER WITH MUTE
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
   Class AB Stereo Headphone Driver with Mute
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
   Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
logo
Unisonic Technologies
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com