Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

303UA250 Datasheet(PDF) 2 Page - International Rectifier

Part # 303UA250
Description  STANDARD RECOVERY DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

303UA250 Datasheet(HTML) 2 Page - International Rectifier

  303UA250 Datasheet HTML 1Page - International Rectifier 303UA250 Datasheet HTML 2Page - International Rectifier 303UA250 Datasheet HTML 3Page - International Rectifier 303UA250 Datasheet HTML 4Page - International Rectifier 303UA250 Datasheet HTML 5Page - International Rectifier 303UA250 Datasheet HTML 6Page - International Rectifier 303UA250 Datasheet HTML 7Page - International Rectifier 303UA250 Datasheet HTML 8Page - International Rectifier 303UA250 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
301U(R) Series
2
www.irf.com
Bulletin I2032 rev. B 03/03
Parameter
Units
Conditions
I
F(AV)
Max. average forward current
330
300
A
180° conduction, half sine wave
@ Case temperature
120
120
°C
I
F(RMS)
Max. RMS forward current
520
470
A
DC @ T
C
= 115°C (up to 2000V), T
C
= 102°C (2500V)
I
FSM
Max. peak, one-cycle forward,
8250
6050
t = 10ms
No voltage
non-repetitive surge current
8640
6335
t = 8.3ms
reapplied
6940
5090
t = 10ms
100% V
RRM
7270
5330
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
340
183
t = 10ms
No voltage
Initial T
J
= T
J
max.
311
167
t = 8.3ms
reapplied
241
129
t = 10ms
100% V
RRM
220
118
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
3400
1830
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.22
1.46
V
Ipk= 942A, T
J
= T
J
max, tp = 10ms sinusoidal wave
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
VV
mA
301U(R)
160
1600
1700
15
200
2000
2100
250
2500
2600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
0.49
0.55
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.49
0.59
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
m
0.84
0.97
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.77
0.90
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
V
KA2s
A
Forward Conduction
301U(R)
160to200
250


Similar Part No. - 303UA250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
303UA250 VISHAY-303UA250 Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
logo
International Rectifier
303UA250P2 IRF-303UA250P2 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
303UA250P3 IRF-303UA250P3 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
303UA250P4 IRF-303UA250P4 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
303UA250P5 IRF-303UA250P5 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
More results

Similar Description - 303UA250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com