Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2333D Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AS2333D
Description  Secondary Side Housekeeping Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2333D Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AS2333D Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2333D Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2333D Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2333D Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2333D Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2333D Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2333D Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2333D Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2333D Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AS23xx
Secondary Side Housekeeping Circuit
ASTEC Semiconductor
100
3.1 Delaying Remote OFF: DELAY
In systems which use the OFF and FAULT pins
to provide remote on/off switching, the delay
between the OFF pin going high and the FAULT
signal going high is programmable with a capaci-
tor to ground on the DELAY pin as described in
2.5 above. The POK pin, on the other hand will
go high immediately after the OFF pin is open
circuited or pulled high, giving the system warn-
ing of the impending shutdown. The DELAY pin
provides a 1
µA current source to charge the
cap, and when the cap charges above 2.5 V, the
FAULT pin will go high.
3.2 AC Warning Prior to Primary Drop-out
In systems where the input line voltage is
switched, the AC pin threshold should be set so
that it causes POK to go low before the primary
bulk voltage reaches drop-out and the primary
PWM shuts off. The output of the AC comparator
also causes the UVB pin to pull low, so that the
undervoltage sensing does not trip the FAULT
latch as the outputs fall below spec. Recall that
the AC pin senses a divided down and filtered
representation of the secondary side switching
waveform, which will provide a proportional rep-
resentation of the primary voltage via the turns
ratio of the transformer.
ASTEC reserves the right to make changes without further notice to any products described herein to improve reliability, function, or
design. ASTEC does not assume any liability arising out of the application or use of any product or circuit described herein; neither does
it convey any license under its patent rights or the rights of others. ASTEC products are not authorized for use as components in life
support devices or systems intended for surgical implant into the body or intended to support or sustain life. Buyer agrees to notify
ASTEC of any such intended end use whereupon ASTEC will determine availability and suitability of its products for the intended use.
ASTEC and the ASTEC logo are trademarks of ASTEC (BSR) PLC.
ASTEC SEMICONDUCTOR
255 Sinclair Frontage Road Milpitas, California 95035 Tel. (408) 263-8300 FAX (408) 263-8340


Similar Part No. - AS2333D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
AS2333FGE-7 DIODES-AS2333FGE-7 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
AS2333M8-13 DIODES-AS2333M8-13 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
AS2333Q DIODES-AS2333Q Datasheet
416Kb / 2P
   Precision, Zero Drift, Dual Operational Amplifier for High Accuracy Automotive Signal Conditioning
AS2333QS-13 DIODES-AS2333QS-13 Datasheet
416Kb / 2P
   Precision, Zero Drift, Dual Operational Amplifier for High Accuracy Automotive Signal Conditioning
More results

Similar Description - AS2333D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5406PBF IRF-IRFH5406PBF_15 Datasheet
239Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com