Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C3364PFS36A-166TQI Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS36A-166TQI
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS36A-166TQI Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFS36A-166TQI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364PFS36A-166TQI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFS36A-166TQI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFS36A-166TQI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFS36A-166TQI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFS36A-166TQI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS36A-166TQI Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364PFS36A-166TQI Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364PFS36A-166TQI Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AS7C3364PFS32A
AS7C3364PFS36A
®
2/1/01
Alliance Semiconductor
P. 10 of 11
AC test conditions
Notes
1
For test conditions, see AC Test Conditions, Figures A, B, C.
2
This parameter measured with output load condition in Figure C.
3
This parameter is sampled, but not 100% tested.
4tHZOE is less than tLZOE; and tHZC is less than tLZC at any given temperature and voltage.
5
tCH measured as HIGH above VIH and tCL measured as LOW below VIL.
6
This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK. All other synchronous inputs must
meet the setup and hold times for all rising edges of CLK when chip is enabled.
7
Write refers to
GWE, BWE, BW[a:d].
8
Chip select refers to
CE0, CE1, CE2.
351
5 pF*
317
DOUT
GND
Figure C: Output load(B)
*including scope
and jig capacitance
Z0 = 50Ω
DOUT
50
Figure B: Output load (A)
30 pF*
Figure A: Input waveform
10%
90%
GND
90%
10%
+3.0V
• Output load: see Figure B, except for tLZC, tLZOE, tHZOE, tHZC, see Figure C.
• Input pulse level: GND to 3V. See Figure A.
• Input rise and fall time (measured at 0.3V and 2.7V): 2 ns. See Figure A.
• Input and output timing reference levels: 1.5V.
VL = 1.5V
for 3.3V I/O;
= VDDQ/2
for 2.5V I/O
Thevenin equivalent:
+3.3V for 3.3V I/O;
+2.5V for 2.5V I/O
Package Dimensions
100-pin quad flat pack (TQFP)
Dimensions in millimeters
TQFP
Min
Max
A1
0.05
0.15
A2
1.35
1.45
b
0.22
0.38
c
0.09
0.20
D
13.90
14.10
E
19.90
20.10
e
0.65 nominal
Hd
15.90
16.10
He
21.90
22.10
L
0.45
0.75
L1
1.00 nominal
α
He
E
Hd
D
b
e
A1 A2
L1
L
c
α


Similar Part No. - AS7C3364PFS36A-166TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364PFS36B-133TQC ALSC-AS7C3364PFS36B-133TQC Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36B-133TQCN ALSC-AS7C3364PFS36B-133TQCN Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36B-133TQI ALSC-AS7C3364PFS36B-133TQI Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36B-133TQIN ALSC-AS7C3364PFS36B-133TQIN Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36B-166TQC ALSC-AS7C3364PFS36B-166TQC Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results

Similar Description - AS7C3364PFS36A-166TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com