Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14KESD64 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 14KESD64
Description  AXIAL-LEAD TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

14KESD64 Datasheet(HTML) 1 Page - Microsemi Corporation

  14KESD64 Datasheet HTML 1Page - Microsemi Corporation 14KESD64 Datasheet HTML 2Page - Microsemi Corporation 14KESD64 Datasheet HTML 3Page - Microsemi Corporation 14KESD64 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXIAL-LEAD TVS
SCOTTSD A L E DIVISION
14KESD5.0 thru 14KESD170CA
DESCRIPTION
APPEARANCE
These small axial-leaded TVS devices feature the ability to clamp
dangerous high voltage, short-term transients such as produced by directed
or radiated electrostatic discharge phenomena before entering sensitive
component regions of a circuit design. They are small economical transient
voltage suppressors targeted primarily for short-term transients below a few
microseconds while still achieving significant peak-pulse-power capability
as illustrated in Figure #1.
DO-41
(DO-204AL)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Excellent protection in clamping direct ESD level
transients in excess of 40,000 V per MIL-STD-750,
Method 1020 (approx. 150 ns exponential wave)
Absorbs ESD level transients* of 14,000 Watts per
MIL-STD-750, Method 1020 (approximately 150 ns
exponential wave, or one microsecond transients
up to 4000 watts. See Figure #1 and #2 for overall
transient Peak Pulse Power.
Clamps Transients in less than 100 picoseconds
Working Stand-off Voltage range of 5V to 170V
Hermetic DO-41 Package. Also available in surface
mount DO-213AB MELF package (see separate
data sheet)
Protects Sensitive circuits from short duration fast
rise time transients such as Electrostatic Discharge
(ESD) or Electrical Fast Transients (EFT)
Minimal capacitance (See Figure #3)
Flexible axial-lead mounting terminals
Bidirectional features available by adding a “C” or
“CA” suffix
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
4000 Watts for One Microsecond Square Wave or
14,000 watts per ESD Wave form of MIL-STD-750,
method 1020.
See Surge Rating curve in Figures #1 and 2.
Operating and storage temperature –65
oC to 175oC
THERMAL RESISTANCE: Less than 83
oC/Watt
junction to lead at 0.375 inches from body.
DC power dissipation 1500 mW at TL = 75
oC at 3/8
inch (10 mm) lead length from body.
Derate at 22.8 W/
oC above 25oC for PPP (1µs) and
at 15 mW/
oC above 75oC for dc power.
Forward Surge Current 500 amps for 1
µs at TL =
25
oC (rise time > 100 ns).
CASE: Hermetically sealed axial-lead glass DO-41
(DO-204AL) package
TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, method 2026
POLARITY: Banded end is cathode
WEIGHT: 0.378 grams (typical)
MARKING: Part number
TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
See package dimension on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
10-03-2003 REV A


Similar Part No. - 14KESD64

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
14KESD64 MICROSEMI-14KESD64 Datasheet
109Kb / 2P
   AXIAL LEAD
14KESD64 MICROSEMI-14KESD64 Datasheet
109Kb / 2P
   AXIAL LEAD
14KESD64A MICROSEMI-14KESD64A Datasheet
109Kb / 2P
   AXIAL LEAD
14KESD64A MICROSEMI-14KESD64A Datasheet
109Kb / 2P
   AXIAL LEAD
More results

Similar Description - 14KESD64

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1.4KESD5.0 MICROSEMI-1.4KESD5.0 Datasheet
180Kb / 4P
   AXIAL-LEAD TVS
logo
DONGGUAN YOU FENG WEI E...
SAC5.0 YFWDIODE-SAC5.0 Datasheet
852Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Socay Electornics Co., ...
P4KE6.8 SOCAY-P4KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
20KPA SOCAY-20KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
30KPA SOCAY-30KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com