Electronic Components Datasheet Search |
|
AS7C3364PFS36A-150TQI Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation |
|
AS7C3364PFS36A-150TQI Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation |
3 / 11 page AS7C3364PFS32A AS7C3364PFS36A ® 2/1/01 Alliance Semiconductor P. 3 of 11 Signal descriptions Absolute maximum ratings Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect reliability. Signal I/ O Properties Description CLK I CLOCK Clock. All inputs except OE, FT, ZZ, LBO are synchronous to this clock. A0–A15 I SYNC Address. Sampled when all chip enables are active and ADSC or ADSP are asserted. DQ[a,b,c,d] I/O SYNC Data. Driven as output when the chip is enabled and OE is active. CE0 ISYNC Master chip enable. Sampled on clock edges when ADSP or ADSC is active. When CE0 is inactive, ADSP is blocked. Refer to the Synchronous Truth Table for more information. CE1, CE2 ISYNC Synchronous chip enables. Active HIGH and active Low, respectively. Sampled on clock edges when ADSC is active or when CE0 and ADSP are active. ADSP ISYNC Address strobe processor. Asserted LOW to load a new bus address or to enter standby mode. ADSC I SYNC Address strobe controller. Asserted LOW to load a new address or to enter standby mode. ADV I SYNC Advance. Asserted LOW to continue burst read/write. GWE ISYNC Global write enable. Asserted LOW to write all 32/36 bits. When High, BWE and BW[a:d] control write enable. BWE I SYNC Byte write enable. Asserted LOW with GWE = HIGH to enable effect of BW[a:d] inputs. BW[a,b,c,d] ISYNC Write enables. Used to control write of individual bytes when GWE = HIGH and BWE = Low. If any of BW[a:d] is active with GWE = HIGH and BWE = LOW the cycle is a write cycle. If all BW[a:d] are inactive the cycle is a read cycle. OE IASYNC Asynchronous output enable. I/O pins are driven when OE is active and the chip is in read mode. LBO I STATIC default = HIGH Count mode. When driven High, count sequence follows Intel XOR convention. When driven Low, count sequence follows linear convention. This signal is internally pulled High. 18 FT ISTATIC Flow-through mode.When low, enables single register flow-through mode. Connect to VDD if unused or for pipelined operation. ZZ I ASYNC Sleep. Places device in low power mode; data is retained. Connect to GND if unused. Parameter Symbol Min Max Unit Power supply voltage relative to GND VDD, VDDQ –0.5 +4.6 V Input voltage relative to GND (input pins) VIN –0.5 VDD + 0.5 V Input voltage relative to GND (I/O pins) VIN –0.5 VDDQ + 0.5 V Power dissipation PD –1.8 W DC output current IOUT –50 mA Storage temperature (plastic) Tstg –65 +150 oC Temperature under bias Tbias –65 +135 oC |
Similar Part No. - AS7C3364PFS36A-150TQI |
|
Similar Description - AS7C3364PFS36A-150TQI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |