Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1431BDC-TB Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL1431BDC-TB
Description  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1431BDC-TB Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL1431BDC-TB Datasheet HTML 1Page - Anpec Electronics Coropration APL1431BDC-TB Datasheet HTML 2Page - Anpec Electronics Coropration APL1431BDC-TB Datasheet HTML 3Page - Anpec Electronics Coropration APL1431BDC-TB Datasheet HTML 4Page - Anpec Electronics Coropration APL1431BDC-TB Datasheet HTML 5Page - Anpec Electronics Coropration APL1431BDC-TB Datasheet HTML 6Page - Anpec Electronics Coropration APL1431BDC-TB Datasheet HTML 7Page - Anpec Electronics Coropration APL1431BDC-TB Datasheet HTML 8Page - Anpec Electronics Coropration APL1431BDC-TB Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - May., 2003
APL1431
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Adjustable Precision Shunt Regulator
Features
General Description
Applications
The APL1431 is a 3-terminal adjustable voltage ref-
erence with specified thermal stability over applicable
commercial temperature ranges. Output voltage may
be set to any value between V
ref (2.5 V) and 20 V with
two external resistors (see Figure 2). When used
with an photocoupler, the APL1431 is an ideal volt-
age reference in isolated feedback circuits for 2.5V
to 12V switching-mode power supplies. This device
has a typical output impedance of 0.1
Ω. Active out-
put circuitry provides a very sharp turn-on
characteristic,making the APL1431 excellent replace-
ments for zener diodes in many applications, includ-
ing on-board regulation and adjustable power
supplies.
•••••
Precise Reference Voltage to 2.500V
•••••
Guaranteed 0.5% or 1% Reference Voltage
Tolerance
•••••
Sink Current Capability , 1mA to 100mA
•••••
Quick Turn-on
•••••
Adjustable Output Voltage , V
O = VREF to 20V
•••••
Low Operational Cathode Current , 250µA
Typical
•••••
0.1
Ω Typical Output Impedance
•••••
SOT-23 , SOT-89 and TO-92 Packages
•••••
Linear Regulators
•••••
Adjustable Power Supply
•••••
Switching Power Supply
Symbol
Functional Diagram
Vref
+
_
Cathode
REF
Anode
SOT-23 (Top View)
REF
ANODE
CATHODE
12
3
SOT-89 (Top View)
REF
ANODE
CATHODE
12
3
REF
ANODE
CATHO DE
1
2
3
TO-92 (Top View)
Cathode
Anode
REF


Similar Part No. - APL1431BDC-TB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1431L ANPEC-APL1431L Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PB ANPEC-APL1431LABC-PB Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PBL ANPEC-APL1431LABC-PBL Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TB ANPEC-APL1431LABC-TB Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TBL ANPEC-APL1431LABC-TBL Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - APL1431BDC-TB

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com