Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1431AEI-TB Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL1431AEI-TB
Description  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1431AEI-TB Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL1431AEI-TB Datasheet HTML 1Page - Anpec Electronics Coropration APL1431AEI-TB Datasheet HTML 2Page - Anpec Electronics Coropration APL1431AEI-TB Datasheet HTML 3Page - Anpec Electronics Coropration APL1431AEI-TB Datasheet HTML 4Page - Anpec Electronics Coropration APL1431AEI-TB Datasheet HTML 5Page - Anpec Electronics Coropration APL1431AEI-TB Datasheet HTML 6Page - Anpec Electronics Coropration APL1431AEI-TB Datasheet HTML 7Page - Anpec Electronics Coropration APL1431AEI-TB Datasheet HTML 8Page - Anpec Electronics Coropration APL1431AEI-TB Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - May., 2003
APL1431
www.anpec.com.tw
3
Electrical Characteristics Cont. T
A= 25°C ( unless otherwise noted)
Test figures
Figure 1. Test Circuit for V
KA=VREF , VO=VKA=VREF
Figure 2. Test Circuit for V
KA>VREF,
V
O= VKA= VREF× (1+R1/R2) + IREF × R1
Figure 3. Test Circuit for I
K(off)
Notes :
*1 : use Figure 1
*2 : use Figure 2
*3 : use Figure 3
Application schematic
R
b should provide cathode current large than
1mA to maintain APL431 work properly.
5-Volt Precision Regulator
VIN
Vo
IK
VREF
Vo
VIN
IK(off)
VIN
IK
IREF
VREF
R1
R2
Vo
Vo
VIN
27.5k
0.1%
27.5k
0.1%
Rb
APL1431
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I
REF
Reference current
I
K=10mA,
R
1=10k
Ω, R2=open*2
1.0
3
µA
∆IREF/T
Reference current
drift
I
K=10mA, R1=10k
Ω,
R
2=open, TA= -40 to 85
°C*2
0.3
1
µA
I
K(min)
Min. cathode current V
KA=VREF
*1
0.25
0.5
mA
I
K(off)
Off-state cathode
current
V
KA= 20V, VREF= 0V
*3
0.1
1
µA
|Z
KA|
Dynamic impedance
V
KA=VREF
I
K=1mA to 100mA, f
≤1kHz*1
0.1
0.4
I
K
Cathode current
V
KA=VREF+ 50mV
*2
100
mA


Similar Part No. - APL1431AEI-TB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1431L ANPEC-APL1431L Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PB ANPEC-APL1431LABC-PB Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PBL ANPEC-APL1431LABC-PBL Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TB ANPEC-APL1431LABC-TB Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TBL ANPEC-APL1431LABC-TBL Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - APL1431AEI-TB

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com