Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1431ADC-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL1431ADC-TR
Description  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1431ADC-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL1431ADC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APL1431ADC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APL1431ADC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL1431ADC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL1431ADC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL1431ADC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL1431ADC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL1431ADC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL1431ADC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - May., 2003
APL1431
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
V
KA
Cathode voltage
20
V
I
K
Continuous cathode current range
120
mA
I
REF
Reference current range
3mA
θJA
Thermal Resistance from Junction to Ambient in Free Air
SOT-23
SOT-89
TO-92
416
250
250
°C/W
T
A
Ambient temperature range
APL1431XXC
APL1431XXI
0 to 70
-40 to 85
°C
T
j
Junction temperature range
APL1431XXC
APL1431XXI
0 to 150
-40 to 150
°C
T
STG
Storage Temperature Range
-65 to 150
°C
T
SOL
Lead temperature range, T
s (Soldering, 10sec)
260
°C
Ordering and Marking Information
A P L1431
Ele c . G ra d e
H a nd lin g C o d e
Te m p . Ra n g e
P a ck ag e C o d e
Ele c . G ra d e
A : 0.5% R e fe re nc e V o ltag e T o le ra nc e
B : 1 % R e fe re nc e V o ltag e T o le ra nc e
P a ck ag e C o d e
A : S O T -2 3
D : S O T -8 9
E : T O -9 2
Y : C h ip F o rm
Te m p . Ra n g e
C : 0 to 7 0
C
I : -4 0 to 8 5
C
H a nd lin g C o d e
P B : P la s tic B a g
T B : T a p e & B o x
T R : T a p e & R e e l
°
°
APL
14 31
XXXX X
XXXX X - Da te Co d e
APL 1 4 3 1 E :
A P L 14 31 D :
A P L 14 31
XXXX X
- Da te Co d e
XXXX X
APL 1 4 3 1 A :
14 31
Absolute Maximum Ratings
Electrical Characteristics T
A= 25°C ( unless otherwise noted)
APL1431
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
APL431A 2.487
2.500
2.513
V
REF
Reference voltage
V
KA=VREF,
I
K=10mA
*1
APL431B 2.475
2.500
2.525
V
∆VREF/T
Reference voltage
drift over temp. range
V
KA=VREF, IK=10mA
T
A= 0 to 70
°C*1
T
A= -40 to 85
°C*1
20
30
mV
I
K=10mA, VKA=VREF to 10V
*2
-1.5
-3
∆VREF / ∆VKA
Voltage ratio (open
loop gain)
I
K=10mA, VKA=VREF to 20V
*2
-1.2
-2.5
mV/V


Similar Part No. - APL1431ADC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1431L ANPEC-APL1431L Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PB ANPEC-APL1431LABC-PB Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PBL ANPEC-APL1431LABC-PBL Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TB ANPEC-APL1431LABC-TB Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TBL ANPEC-APL1431LABC-TBL Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - APL1431ADC-TR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com