Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5835-26E Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5835-26E
Description  450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5835-26E Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5835-26E Datasheet HTML 1Page - Anpec Electronics Coropration APL5835-26E Datasheet HTML 2Page - Anpec Electronics Coropration APL5835-26E Datasheet HTML 3Page - Anpec Electronics Coropration APL5835-26E Datasheet HTML 4Page - Anpec Electronics Coropration APL5835-26E Datasheet HTML 5Page - Anpec Electronics Coropration APL5835-26E Datasheet HTML 6Page - Anpec Electronics Coropration APL5835-26E Datasheet HTML 7Page - Anpec Electronics Coropration APL5835-26E Datasheet HTML 8Page - Anpec Electronics Coropration APL5835-26E Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
APL5835
Copyright
 ANPEC Electronics Corp.
Rev. B.5 - Apr., 2003
www.anpec.com.tw
5
Line Transient Response
Line Transient Response
Time (ns)
Time (ns)
0
1
2
3
4
5
6
-5
0
5
10
15
20
25
V
IN
V
OUT
010 20 30 40 50 60 70 80 90 100
(C
L=1µF, IOUT=1mA)
-10
0
10
20
0
1
2
3
4
5
6
0
10 20 30
40 5060 7080 90 100
V
IN
V
OUT
(C
L=10µF, IOUT=10mA)
Typical Characteristics
Output Voltage vs. Temperature
Output Voltage vs. Temperature
Temperature (°C)
Temperature (°C)
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
-50
0
50
100
150
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
-50
0
50
100
150


Similar Part No. - APL5835-26E

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5833 ANPEC-APL5833 Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5833-28DC-TR ANPEC-APL5833-28DC-TR Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5833-28DC-TRL ANPEC-APL5833-28DC-TRL Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5833-28DC-TU ANPEC-APL5833-28DC-TU Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5833-28DC-TUL ANPEC-APL5833-28DC-TUL Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
More results

Similar Description - APL5835-26E

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
   500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com