Electronic Components Datasheet Search |
|
E28F800BV-B60 Datasheet(PDF) 11 Page - Intel Corporation |
|
E28F800BV-B60 Datasheet(HTML) 11 Page - Intel Corporation |
11 / 55 page E 2-MBIT SmartVoltage BOOT BLOCK FAMILY 11 SEE NEW DESIGN RECOMMENDATIONS 1.5 Pin Descriptions Table 2. 28F200/002 Pin Descriptions Symbol Type Name and Function A0–A17 INPUT ADDRESS INPUTS for memory addresses. Addresses are internally latched during a write cycle. The 28F200 only has A0– A16 pins, while the 28F002B has A0– A17. A9 INPUT ADDRESS INPUT: When A9 is at VHH the signature mode is accessed. During this mode, A0 decodes between the manufacturer and device IDs. When BYTE# is at a logic low, only the lower byte of the signatures are read. DQ15/A–1 is a don’t care in the signature mode when BYTE# is low. DQ0–DQ7 INPUT/ OUTPUT DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and WE# cycle during a Program command. Inputs commands to the Command User Interface when CE# and WE# are active. Data is internally latched during the write cycle. Outputs array, Intelligent Identifier and status register data. The data pins float to tri-state when the chip is de-selected or the outputs are disabled. DQ8–DQ15 INPUT/ OUTPUT DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and WE# cycle during a Program command. Data is internally latched during the write cycle. Outputs array data. The data pins float to tri-state when the chip is de-selected or the outputs are disabled as in the byte-wide mode (BYTE# = “0”). In the byte-wide mode DQ15/A–1 becomes the lowest order address for data output on DQ0–DQ7. The 28F002B does not include these DQ8–DQ15 pins. CE# INPUT CHIP ENABLE: Activates the device’s control logic, input buffers, decoders and sense amplifiers. CE# is active low. CE# high de-selects the memory device and reduces power consumption to standby levels. If CE# and RP# are high, but not at a CMOS high level, the standby current will increase due to current flow through the CE# and RP# input stages. OE# INPUT OUTPUT ENABLE: Enables the device’s outputs through the data buffers during a read cycle. OE# is active low. WE# INPUT WRITE ENABLE: Controls writes to the Command Register and array blocks. WE# is active low. Addresses and data are latched on the rising edge of the WE# pulse. RP# INPUT RESET/DEEP POWER-DOWN: Uses three voltage levels (VIL, VIH, and VHH) to control two different functions: reset/deep power-down mode and boot block unlocking. It is backwards-compatible with the BX/BL/BV products. When RP# is at logic low, the device is in reset/deep power-down mode, which puts the outputs at High-Z, resets the Write State Machine, and draws minimum current. When RP# is at logic high, the device is in standard operation. When RP# transitions from logic-low to logic-high, the device defaults to the read array mode. When RP# is at VHH, the boot block is unlocked and can be programmed or erased. This overrides any control from the WP# input. |
Similar Part No. - E28F800BV-B60 |
|
Similar Description - E28F800BV-B60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |