Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN8330EPFC Datasheet(PDF) 11 Page - Synaptics Incorporated.

Part # CN8330EPFC
Description  DS3/E3 Framer with 52 Mbps HDLC Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CN8330EPFC Datasheet(HTML) 11 Page - Synaptics Incorporated.

Back Button CN8330EPFC Datasheet HTML 7Page - Synaptics Incorporated. CN8330EPFC Datasheet HTML 8Page - Synaptics Incorporated. CN8330EPFC Datasheet HTML 9Page - Synaptics Incorporated. CN8330EPFC Datasheet HTML 10Page - Synaptics Incorporated. CN8330EPFC Datasheet HTML 11Page - Synaptics Incorporated. CN8330EPFC Datasheet HTML 12Page - Synaptics Incorporated. CN8330EPFC Datasheet HTML 13Page - Synaptics Incorporated. CN8330EPFC Datasheet HTML 14Page - Synaptics Incorporated. CN8330EPFC Datasheet HTML 15Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
100441E
Conexant
1-1
1
1.0 Product Description
The CN8330 is a frame synchronization, recovery, and signal generation circuit.
Applications for digital terminals include digital cross-connect systems, customer
premise multiplexers, channel extenders, network managers, PBXs, Switched
Multimegabit Digital Service (SMDS) equipment, and monitor or test equipment.
The integrated circuit features a High-Level Data Link Control (HDLC) formatter
usable with or without DS3/E3 framing. The CN8330 framer is designed to meet
the requirements of DS3 and E3 transmission and reception formats as per ANSI
T1.107-1988, T1.107a-1989, T1.404, and ITU-T G.751 standards. Both the
LAPD terminal data link and the Far End Alarm Control (FEAC) channel, as
defined in T1.107a-1989, are supported. All maintenance features required by
Bellcore TR-TSY-000009 and AT&T PUB 54014 are furnished. HDLC data
transmission according to ITU-T standard Q.921 and ISO 3309-1984 is
supported, as are SMDS standards prETS 300 214 and TR-TSV-000773.
The framer provides framing recovery for M13, C-bit parity, and G.751 E3
formatted signals. The received data stream is available serially for unchannelized
applications or for external decoding of the asynchronous multiplexed formats.
The framing circuit has an average reframe time of less than 1 msec for DS3
signals and less than 250 µsec for E3 signals. A First In First Out (FIFO) buffer in
the receive signal path can be enabled to reduce the jitter on the incoming data.
The framer circuitry is capable of operating to 52 MHz, making it compatible
with High-Speed Serial Interface (HSSI) signals or DS3 and E3 signals that are
embedded in SONET STS-1 or SDH STM-1 carriers.
The transmitter can process serial data from an external pin, or in byte- or
nibble-oriented data format from the Payload Parallel Data Link (PPDL) data
port. DS3 overhead bits or E3 Frame Alignment Signal (FAS) bits are
automatically inserted. The parallel data can be formatted with idle flags, zero
stuffing for transparency, and a selectable 16- or 32-bit Frame Check Sequence
(FCS). Bytes or nibbles without HDLC formatting can also be transmitted. The
transmitter also generates an Alarm Indication Signal (AIS), idle code, yellow
alarm, and all-ones signals. DS3 C-bits (or E3 N-bits) can be inserted into the
data stream from an external source.
The circuit can be configured as a high-speed data formatter without inserting
the CN8330 overhead bits. This allows the circuit to be used for data applications
on communication links other than those requiring DS3 or E3 formatting. Data
bytes can be formatted with HDLC flags and FCS bytes for transmission at any
speed up to 52 MHz.


Similar Part No. - CN8330EPFC

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CN8331 PULSE-CN8331 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
CN8332 PULSE-CN8332 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
CN8333 PULSE-CN8333 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - CN8330EPFC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
   EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com