Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C182-25VC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C182-25VC
Description  8Kx9 Static RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C182-25VC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C182-25VC Datasheet HTML 1Page - Cypress Semiconductor CY7C182-25VC Datasheet HTML 2Page - Cypress Semiconductor CY7C182-25VC Datasheet HTML 3Page - Cypress Semiconductor CY7C182-25VC Datasheet HTML 4Page - Cypress Semiconductor CY7C182-25VC Datasheet HTML 5Page - Cypress Semiconductor CY7C182-25VC Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CY7C182
3
Switching Characteristics Over the Operating Range
Parameter
Description
7C182-25
7C182-35
7C182-45
Unit
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE[4]
tRC
Read Cycle Time
25
35
45
ns
tAA
Address to Data Valid
25
35
45
ns
tOHA
Data Hold from Address Change
3
3
3
ns
tACE1
CE1 Access Time
25
35
45
ns
tACE2
CE2 Access Time
25
35
45
ns
tLZCE1
CE1 LOW to Low Z
5
5
5
ns
tLZCE2
CE2 HIGH to Low Z
5
5
5
ns
tHZCE1
CE1 HIGH to High Z
[5]
18
20
25
ns
tHZCE2
CE2 LOW to High Z
[5]
18
20
25
tPU
CE1 LOW to Power-Up
0
0
0
ns
tPD
CE1 HIGH to Power-Down
20
20
25
ns
tDOE
OE Access Time
18
20
20
ns
tLZOE
OE LOW to Low Z
3
3
3
ns
tHZOE
OE HIGH to High Z[5]
18
20
25
ns
WRITE CYCLE[6]
tWC
Write Cycle Time
25
35
45
ns
tSA
Address Set-Up Time
0
0
0
ns
tAW
Address Valid to End of Write
20
30
40
ns
tSD
Data Set-Up Time
15
20
25
ns
tSCE1
CE1 LOW to Write End
20
30
40
ns
tSCE2
CE2 HIGH to Write End
20
30
40
ns
tPWE
WE Pulse Width
20
25
30
ns
tHA
Address Hold from End of Write
0
0
0
ns
tHD
Data Hold Time
0
0
0
ns
tLZWE
Write HIGH to Low Z[7]
3
3
3
ns
tHZWE
Write LOW to High Z[5, 7, 8]
13
15
20
ns
Notes:
4.
WE is HIGH for read cycle.
5.
tHZCE and tHZWE are specified with CL = 5 pF. Transition is measured ± 500 mV from steady-state voltage.
6.
The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. All three signals must be asserted to initiate a write
and any signal can terminate a write by being deasserted. The data input set-up and hold timing should be referenced to the rising edge of the signal that
terminates the write.
7.
At any given temperature and voltage condition, tLZWE is less than tHZWE for any given device. These parameters are sampled and not 100% tested.
8.
Address valid prior to or coincident with CE transition LOW and CE2 transition HIGH.


Similar Part No. - CY7C182-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C182-25VC CYPRESS-CY7C182-25VC Datasheet
157Kb / 7P
   8Kx9 Static RAM
More results

Similar Description - CY7C182-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C182 CYPRESS-CY7C182_01 Datasheet
157Kb / 7P
   8Kx9 Static RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
   Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
   Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
   STATIC RAM
logo
Advanced Micro Devices
AM9128 AMD-AM9128 Datasheet
429Kb / 10P
   2048x8 Static RAM
logo
Cypress Semiconductor
CY7C197N CYPRESS-CY7C197N Datasheet
307Kb / 7P
   256Kx1 Static RAM
logo
Advanced Micro Devices
AM9044 AMD-AM9044 Datasheet
278Kb / 7P
   4096x1 Static RAM
logo
Cypress Semiconductor
CY7C150 CYPRESS-CY7C150_03 Datasheet
312Kb / 11P
   1Kx4 Static RAM
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com