Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1399-12ZC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1399-12ZC
Description  32K x 8 3.3V Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399-12ZC Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY7C1399-12ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1399-12ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399-12ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399-12ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399-12ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399-12ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399-12ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399-12ZC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY7C1399
6
Notes:
13. Data I/O is high impedance if OE = VIH.
14. If CE goes HIGH simultaneously with WE HIGH, the output remains in a high-impedance state.
15. During this period, the I/Os are in the output state and input signals shold not be applied.
Switching Waveforms (continued)
tHD
tSD
tPWE
tSA
tHA
tAW
tWC
DATA I/O
ADDRESS
CE
WE
OE
tHZOE
C1399–8
DATAIN VALID
Write Cycle No. 1 (WE Controlled)[8, 13, 14]
NOTE 15
tWC
tAW
tSA
tHA
tHD
tSD
tSCE
WE
DATA I/O
ADDRESS
CE
C1399–9
DATAIN VALID
Write Cycle No. 2 (CE Controlled)[8, 13, 14]
DATA I/O
ADDRESS
tHD
tSD
tLZWE
tSA
tHA
tAW
tWC
CE
WE
tHZWE
C1399–10
DATA IN VALID
Write Cycle No. 3 (WE Controlled, OE LOW)[9, 14]
NOTE 15


Similar Part No. - CY7C1399-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-10VC CYPRESS-CY7C1399B-10VC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-10ZC CYPRESS-CY7C1399B-10ZC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-12VC CYPRESS-CY7C1399B-12VC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-12VC CYPRESS-CY7C1399B-12VC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
More results

Similar Description - CY7C1399-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
logo
List of Unclassifed Man...
WCFS0808V1E ETC1-WCFS0808V1E Datasheet
313Kb / 10P
   32K x 8 3.3V Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com