Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7005 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7005
Description  Integrated Circuit 2-Phase Stepping Motor Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7005 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7005 Datasheet HTML 1Page - NTE Electronics NTE7005 Datasheet HTML 2Page - NTE Electronics NTE7005 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE7005
Integrated Circuit
2–Phase Stepping Motor Driver
Description:
The NTE7005 monolithic power IC is a dual bridge driver in a 16–Lead DIP type package. The maxi-
mum driving current and voltage is 330mA x 12V per bridge. Therefore, the best use for this part is
in a two–phase bipolar stepping motor driving the head actuator of a 3, to 5.25–inch Floppy Disk Drive.
Features:
D 330mA Output Current Capability
D Dual Bridge Included
D Power Save
D Single Input Direction Control
D Low Output Saturation Voltage
D Low Supply Current
D Low Input Current
D Compatible with TTL, LSTTL, and 5V CMOS
D Thermal Shutdown
Absolute Maximum Ratings: (TA = +25°C, Note 1 unless otherwise specified)
Logic Stage Supply Voltage, VCC
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Seeking Supply Voltage, Vs1
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Holding Supply Voltage, Vs2
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, Vi
0 to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Seeking Current (t
≤ 5ms), Io(peak)
500mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Seeking Current, Ios
330mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Holding current, IOH
200mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Note 2), PT
2W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, Topr
–20
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. The absolute maximum ratings are limiting values, to be applied individually, beyond which
the device may be permanently damaged. Functional operation under any of these condi-
tions is not guaranteed. Exposing a circuit to its absolute maximum rating for extended peri-
ods of time may affect the device’s reliability.
Note 2. Thermal resistance is as follows:
RthJA1 ≤ +60°C/W (Soldered on a print circuit board)
RthJA2 ≤ +35°C/W (Soldered on a print circuit covered with copper sufficiently)
RthJA3 ≤ +15°C/W (Soldered on Pin4, Pin5, Pin12, and Pin13 with an infinite heat sink)


Similar Part No. - NTE7005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE700 NTE-NTE700 Datasheet
22Kb / 2P
   Integrated Circuit TV Chroma System
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
   Integrated Circuit 5W Audio Amplifier with Muting
NTE7001 NTE-NTE7001 Datasheet
40Kb / 5P
   Integrated Circuit Horizontal Combination Circuit for Color TV & Computer Monitors
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
NTE7004 NTE-NTE7004 Datasheet
29Kb / 4P
   Integrated Circuit Electronic Channel Select System Control
More results

Similar Description - NTE7005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1736 NTE-NTE1736 Datasheet
89Kb / 4P
   Integrated Circuit Module, 4-Phase Stepping Motor Driver
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com