Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3628 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3628
Description  Octal TRI-STATE MOS Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3628 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3628 Datasheet HTML 1Page - National Semiconductor (TI) DS3628 Datasheet HTML 2Page - National Semiconductor (TI) DS3628 Datasheet HTML 3Page - National Semiconductor (TI) DS3628 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics (Continued) (VCC e 5V TA e 25 C) (Note 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tLZ
Delay from Disable Input to High Impedance
CL e 50 pF
RL e 400X to VCC
18
25
ns
State (from Logical ‘‘0’’ Level)
to GND
(
Figure 3 )
tHZ
Delay from Disable Input to High Impedance
CL e 50 pF
RL e 400X to GND
85
15
ns
State (from Logical ‘‘1’’ Level)
to GND
(
Figure 3 )
AC Test Circuits and Switching Time Waveforms
tSab tSba tr tf
TLF5875 – 4
TLF5875 – 5
FIGURE 1
tZH
TLF5875 – 6
tZL
TLF5875 – 7
TLF5875 – 8
ANY ONE OF EIGHT OUTPUTS
FIGURE 2
tHZ
TLF5875 – 9
tLZ
TLF5875 – 10
TLF5875 – 11
FIGURE 3
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS1628 and across the 0 Cto a70 C range for
the DS3628 All typical values are for TA e 25 C and VCC e 5V
Note 3
All currents into device pins shown as positive all currents out of device pins shown as negative all voltages references to ground unless otherwise noted
All values shown as max or min on absolute value basis
Note 4
The pulse generator has the following characteristics ZOUT e 50X and PRR s 1 mHz Rise and fall times between 10% and 90% points s 5 ns
Note 5
CL includes probe and jig capacitance
Note 6
When measuring output drive current and switching response for the DS1628 and DS3628 a 15X resistor should be placed in series with each output
3


Similar Part No. - DS3628

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36276 NSC-DS36276 Datasheet
236Kb / 12P
   FAILSAFE Multipoint Transceiver
logo
Texas Instruments
DS36276 TI1-DS36276 Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
logo
National Semiconductor ...
DS36276M NSC-DS36276M Datasheet
236Kb / 12P
   FAILSAFE Multipoint Transceiver
logo
Texas Instruments
DS36276M TI1-DS36276M Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
DS36276M/NOPB TI1-DS36276M/NOPB Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
More results

Similar Description - DS3628

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS240 NSC-54LS240 Datasheet
102Kb / 3P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
   Octal Buffers/Line Drivers With TRI-State Outputs
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
   Octal Buffers/Line Drivers With TRI-State Outputs
DM54LS240 NSC-DM54LS240 Datasheet
142Kb / 6P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
logo
Texas Instruments
DS1649 TI1-DS1649_11 Datasheet
390Kb / 8P
[Old version datasheet]   Hex TRI-STATE(RM) TTL to MOS Drivers
logo
National Semiconductor ...
MM54C240 NSC-MM54C240 Datasheet
142Kb / 6P
   Octal Buffers and Line Drivers with TRI-STATE Outputs
logo
Texas Instruments
54F240 TI1-54F240 Datasheet
439Kb / 12P
[Old version datasheet]   Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
DM74LS465 NSC-DM74LS465 Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
logo
Motorola, Inc
SN54LS795 MOTOROLA-SN54LS795 Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com