Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5153 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5153
Description  300MHz Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5153 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5153 Datasheet HTML 1Page - Intersil Corporation EL5153 Datasheet HTML 2Page - Intersil Corporation EL5153 Datasheet HTML 3Page - Intersil Corporation EL5153 Datasheet HTML 4Page - Intersil Corporation EL5153 Datasheet HTML 5Page - Intersil Corporation EL5153 Datasheet HTML 6Page - Intersil Corporation EL5153 Datasheet HTML 7Page - Intersil Corporation EL5153 Datasheet HTML 8Page - Intersil Corporation EL5153 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN7385.3
February 17, 2005
IIHCE
CE Pin Input High Current
CE = VS+0
-1
µA
IILCE
CE Pin Input Low Current
CE = VS-
5
13
25
µA
VIHCE
CE Input High Voltage for Power-down
VS+ -1
V
VILCE
CE Input Low Voltage for Power-up
VS+ -3
V
SUPPLY
ISON
Supply Current - Enabled (per amplifier)
No load, VIN = 0V, CE = +5V
2.46
3.0
3.43
mA
ISOFF
Supply Current - Disabled (per amplifier) No load, VIN = 0V, CE = 5V
5
13
25
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±3.0V to ±6.0V (EL5152 & EL5153)
85
116
dB
DC, VS = ±3.0V to ±6.0V (EL5252 & EL5455)
80
95
dB
Electrical Specifications
VS+ = +5V, VS- = ±5V, RF = RG = 750Ω, RL = 150Ω, TA = 25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. EL5152 SMALL SIGNAL FREQUENCY FOR
VARIOUS GAINS
FIGURE 2. EL5152 SMALL SIGNAL FREQUENCY PHASE
FOR VARIOUS GAINS
FIGURE 3. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 4. FREQUENCY RESPONSE FOR VARIOUS CL
100K
1M
10M
500M
FREQUENCY (Hz)
100M
Supply=±5.0V
INPUT=-30dBm=20mV
RL=500Ω
CL=5pF
AV=+1
AV=+5
AV=+2
3
1
-1
-3
-5
4
2
0
-2
-4
-6
60
0
-60
-120
-180
90
30
-30
-90
-150
100K
1M
10M
500M
FREQUENCY (Hz)
100M
Supply=±5.0V
INPUT=-30dBm=20mV
RL=500Ω
CL=5pF
-210
AV=+5
AV=+2
AV=+1
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
500M
FREQUENCY (Hz)
100M
CL=5pF
AV=+1
10
50
150
500
-5
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
500M
FREQUENCY (Hz)
100M
AV=+1
RL=500Ω
10pF
12pF
4.7pF
3.3pF
2.2pF
1pF
-5
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5153

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5153 INTERSIL-EL5153 Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5153 INTERSIL-EL5153 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5153 INTERSIL-EL5153 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5153 RENESAS-EL5153 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5153IW-T7 INTERSIL-EL5153IW-T7 Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
More results

Similar Description - EL5153

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
logo
Linear Technology
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com