Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR1P5-12D15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DR1P5-12D15
Description  1.5 WATTS DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DR1P5-12D15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DR1P5-12D15 Datasheet HTML 1Page - List of Unclassifed Manufacturers DR1P5-12D15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER:03
1
/
2
1.5 WATTS REGULATED OUTPUT POWER
LOW OUTPUT RIPPLE & NOISE
PI TYPE INPUT FILTER
500VDC ISOLATION VOLTAGE
HIGH EFFICIENCY UP TO 55%
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
FIVE-SIDED EMI SHIELD
The DR1P5 series offer 1.5 watts of output power from a package in an IC compatible 24
pin DIP configuration without derating to 71ºC ambient temperature and pin to pin
compatible to MKC03 series. DR1P5 series have input voltage of 4.5-5.5, 10.8-13.2 and
21.6-26.4VDC. DR1P5 features 500VDC of isolation voltage. A safety designed meet to
EN60950-1 and UL60950-1. All models are particularly suited to telecommunications,
industrial, mobile telecom and test equipment applications.
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
OUTPUT SPECIFICATIONS
Output power
1.5 Watts max
Voltage accuracy
Full load and nominal Vin
± 4%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.3%
Load regulation
25% to 100% FL
D05 output
others
± 1.5%
± 0.5%
Cross regulation
Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
50mVp-p
Temperature coefficient
±0.02% / ºC, max
Short circuit protection
Short term
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
4.5 – 5.5VDC
10.8 – 13.2VDC
21.6 – 26.4VDC
Input filter
Pi type
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
500VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
30pF, max
Switching frequency
20KHz, min
Design meet safety standard
IEC60950-1, UL60950-1,EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
16g (0.55oz)
18g (0.62oz)
MTBF (Note 1)
5.531 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-25ºC ~ +71ºC
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance
Nature convection
20ºC/watt
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 10G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Class A
Radiated emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. Criteria B
Radiated immunity
EN61000-4-3
Perf. Criteria A
Fast transient
EN61000-4-4
Perf. Criteria B
Surge
EN61000-4-5
Perf. Criteria B
Conducted immunity
EN61000-4-6
Perf. Criteria A
DR1P5-24S05 Derating Curve
50
60
70
80
90 100
-40
0
-25
0
-10
Nature convection
100
75
50
25
AMBIENT TEMPERATURE (ºC)


Similar Part No. - DR1P5-12D15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR1P5-12D15 ASTRODYNE-DR1P5-12D15 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
DR1P5-12D15 P-DUKE-DR1P5-12D15 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DR1P5-12D15 RSG-DR1P5-12D15 Datasheet
137Kb / 2P
   All specifications are typical at nominal input, full load and 25C otherwise noted
logo
Astrodyne Corporation
DR1P5-12D15 ASTRODYNE-DR1P5-12D15 Datasheet
173Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results

Similar Description - DR1P5-12D15

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
AIMTEC
AM2LW-NZ AIMTEC-AM2LW-NZ Datasheet
148Kb / 3P
   1.5 Watt | DC-DC Converter
AM2LW-NZ AIMTEC-AM2LW-NZ_16 Datasheet
149Kb / 3P
   1.5 Watt | DC-DC Converter
AM2LW-NZ AIMTEC-AM2LW-NZ_13 Datasheet
247Kb / 3P
   1.5 Watt | DC-DC Converter
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
Power Systems GmbH+Co.K...
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com